Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2210-PSYML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2210-PSYML
Description  Dual Cap LDO with Open-Drain Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2210-PSYML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2210-PSYML Datasheet HTML 1Page - Micrel Semiconductor MIC2210-PSYML Datasheet HTML 2Page - Micrel Semiconductor MIC2210-PSYML Datasheet HTML 3Page - Micrel Semiconductor MIC2210-PSYML Datasheet HTML 4Page - Micrel Semiconductor MIC2210-PSYML Datasheet HTML 5Page - Micrel Semiconductor MIC2210-PSYML Datasheet HTML 6Page - Micrel Semiconductor MIC2210-PSYML Datasheet HTML 7Page - Micrel Semiconductor MIC2210-PSYML Datasheet HTML 8Page - Micrel Semiconductor MIC2210-PSYML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2004
1
MIC2210
MIC2210
Micrel
MIC2210
Dual µCap LDO with Open-Drain Driver
REV. 11/04
General Description
The MIC2210 is a dual µCap low dropout regulator with an
open-draindriverandpower-onresetcircuit.Thefirstregulator
is capable of sourcing 150mA, while the second regulator can
source up to 300mA and includes a power-on reset function.
The open-drain output is capable of sinking 150mA for LED
backlighting applications.
Idealforbatteryoperatedapplications,theMIC2210offers1%
accuracy, extremely low dropout voltage (80mV @ 100mA),
and extremely low ground current, only 48µAtotal. Equipped
with a TTL logic compatible enable pin*, the MIC2210 can
be put into a zero-off-mode current state, drawing no current
when disabled.
The MIC2210 is a µCap design, operating with very small
ceramic output capacitors for stability, reducing required
board space and component cost.
The MIC2210 is available in fixed output voltages in the
10-pin 3mm × 3mm MLF™ leadless package and is also
available with adjustable output voltages in the 4mm × 4mm
16-pin MLF™ package.
* For each output.
Typical Application
MIC2210 Typical Cellphone Application
Features
• Input voltage range: 2.25V to 5.5V
• Stable with ceramic output capacitor
• 2 LDO outputs
• Output 1 - 150mA output current
• Output 2 - 300mA output current
• 1 Open-drain driver
• Low dropout voltage of 80mV @ 100mA
• Ultra-low quiescent current of 48µA
• High output accuracy:
• +1.0% initial accuracy
• +2.0% over temperature
• Thermal shutdown protection
• Current limit protection
• Tiny 10-pin 3mm × 3mm MLF™ package
Applications
• Cellular/PCS phones
• Wireless modems
• PDAs
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.
VIN
CBYP
EN1
EN2
CBYP
SW
LED x10
Keyboard
Backlight
Baseband IC
VOUT1
Audio Amp
VOUT2
ERR
DRV
GND
MIC2210-xxBML
1 F
1 F


Similar Part No. - MIC2210-PSYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2210-PSYML MICREL-MIC2210-PSYML Datasheet
1,005Kb / 11P
   Dual 關Cap LDO with Open-Drain Driver
More results

Similar Description - MIC2210-PSYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2210 MICREL-MIC2210_06 Datasheet
1,005Kb / 11P
   Dual 關Cap LDO with Open-Drain Driver
logo
Texas Instruments
SN74LVC2G07MDCKTEP TI-SN74LVC2G07MDCKTEP Datasheet
310Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07 Datasheet
299Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP Datasheet
312Kb / 9P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07_07 Datasheet
496Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP_14 Datasheet
708Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07_09 Datasheet
602Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G06 TI-SN74LVC2G06 Datasheet
317Kb / 12P
[Old version datasheet]   DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com