Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7001-03MA Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML7001-03MA
Description  Single Rail CODEC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7001-03MA Datasheet(HTML) 1 Page - OKI electronic componets

  ML7001-03MA Datasheet HTML 1Page - OKI electronic componets ML7001-03MA Datasheet HTML 2Page - OKI electronic componets ML7001-03MA Datasheet HTML 3Page - OKI electronic componets ML7001-03MA Datasheet HTML 4Page - OKI electronic componets ML7001-03MA Datasheet HTML 5Page - OKI electronic componets ML7001-03MA Datasheet HTML 6Page - OKI electronic componets ML7001-03MA Datasheet HTML 7Page - OKI electronic componets ML7001-03MA Datasheet HTML 8Page - OKI electronic componets ML7001-03MA Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
¡ Semiconductor
ML7000-01/02/03/ML7001-01/02/03
1/19
¡ Semiconductor
ML7000-01/02/03
ML7001-01/02/03
Single Rail CODEC
GENERAL DESCRIPTION
The ML7000/ML7001 are single-channel CMOS CODEC LSI devices for voice signals ranging
from 300 to 3400 Hz with filters for A/D and D/A conversion.
Designed especially for a single-power supply and low-power applications, the devices are
optimized for ISDN terminals, digital wireless systems, and digital PBXs.
The devices use the same transmission clocks as those used in the MSM7507.
With the differential analog signal outputs which can drive 60 W load, the devices can directly
drive a handset receiver.
FEATURES
• Single power supply: +5 V (ML7000-xx)
+3 V (ML7001-xx)
• Low power consumption
Operating mode:
25 mW Typ.
VDD = 5.0 V (ML7000-xx)
20 mW Typ.
VDD = 3.0 V (ML7001-xx)
Power-down mode:
0.05 mW Typ.
VDD = 5.0 V (ML7000-xx)
0.03 mW Typ.
VDD = 3.0 V (ML7001-xx)
• Conforms to ITU-T Companding law
ML7000-01/ML7001-01:
m/A-law pin selectable
ML7000-02/ML7001-02:
m-law
ML7000-03/ML7001-03:
A-law
• Transmission characteristics conform to ITU-T G.714
• Short frame sync timing operation
• Built-in PLL eliminates a master clock
• Serial data rate: 64/96/128/192/200/256/384/512/
768/1024/1536/1544/2048 kHz
• Adjustable transmit gain
• Adjustable receive gain
• Built-in reference voltage supply
• Package options:
24-pin plastic SOP (SOP24-P-430-1.27-K)
(Product name: ML7000-01MA/ML7001-01MA)
(Product name: ML7000-02MA/ML7001-02MA)
(Product name: ML7000-03MA/ML7001-03MA)
20-pin plastic SSOP (SSOP20-P-250-0.95-K) (Product name: ML7000-01MB/ML7001-01MB)
(Product name: ML7000-02MB/ML7001-02MB)
(Product name: ML7000-03MB/ML7001-03MB)
E2U0062-18-84
This version: Aug. 1998


Similar Part No. - ML7001-03MA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
   DTMF Transceiver
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
OKI electronic componet...
ML7005MB OKI-ML7005MB Datasheet
202Kb / 25P
   DTMF Transceiver
More results

Similar Description - ML7001-03MA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
   Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7717-01 OKI-MSM7717-01 Datasheet
147Kb / 19P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com