Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4501 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SFH4501
Description  Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial-Gehuse
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SFH4501 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  SFH4501 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFH4501 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFH4501 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFH4501 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFH4501 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFH4501 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFH4501 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFH4501 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFH4501 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2000-01-01
8
OPTO SEMICONDUCTORS
SFH 4501, SFH 4502, SFH 4503
Maße in mm, wenn nicht anders angegeben / Dimensions in mm, unless otherwise specified.
5.9
5.5
0.6
0.4
7.8
7.5
9.0
8.2
5.7
5.1
29
27
1.8
1.2
Area not flat
0.6
0.4
Anode
Chip position
GEX06048
SFH 4503


Similar Part No. - SFH4501

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4501 OSRAM-SFH4501 Datasheet
106Kb / 9P
   Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial
More results

Similar Description - SFH4501

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4501 OSRAM-SFH4501 Datasheet
106Kb / 9P
   Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial
SFH-4501 OSRAM-SFH-4501 Datasheet
106Kb / 9P
   Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial-Geh채use
SFH4301 OSRAM-SFH4301 Datasheet
83Kb / 6P
   Schnelle IR-Lumineszenzdiode (950 nm) im 3 mm Radial
SFH-4301 OSRAM-SFH-4301 Datasheet
83Kb / 6P
   Schnelle IR-Lumineszenzdiode (950 nm) im 3 mm Radial-Geh채use
logo
Infineon Technologies A...
SFH4500 INFINEON-SFH4500 Datasheet
63Kb / 6P
   Schnelle IR-Lumineszenzdiode (950 nm) im SMR-Gehuse High-Speed Infrared Emitter (950 nm) in SMR Package
2000-01-01
SFH4200 INFINEON-SFH4200 Datasheet
81Kb / 7P
   Schnelle GaAs-IR-Lumineszenzdiode (950 nm),High-Speed GaAs Infrared Emitter (950 nm)
2000-01-01
logo
OSRAM GmbH
SFH4881 OSRAM-SFH4881 Datasheet
170Kb / 6P
   IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
SFH4811 OSRAM-SFH4811 Datasheet
62Kb / 2P
   IR-Lumineszenzdiode (950 nm) im TO-46-Geh짰se Infrared Emitter (950 nm) in TO-46 Package Lead (Pb) Free Product - RoHS Compliant
SFH4000 OSRAM-SFH4000 Datasheet
69Kb / 7P
   Schnelle IR-Lumineszenzdiode High Speed Infrared Emitter
SFH487P OSRAM-SFH487P Datasheet
141Kb / 8P
   GaAIAs-IR-Lumineszenzdiode (880 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com