Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGF31 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SGF31
Description  For C to Ku-band Local Oscillator and Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SGF31 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SGF31 Datasheet HTML 1Page - Sanyo Semicon Device SGF31 Datasheet HTML 2Page - Sanyo Semicon Device SGF31 Datasheet HTML 3Page - Sanyo Semicon Device SGF31 Datasheet HTML 4Page - Sanyo Semicon Device SGF31 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SGF31
No.7055-2/5
S-Parameter
SGF31
VDS=3V IDS=30mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
3000.0000
.671
--120.6
2.964
81.8
.098
34.1
.514
--39.1
4000.0000
.585
--148.0
2.559
61.8
.104
31.2
.441
--52.3
5000.0000
.552
--173.3
2.276
43.0
.114
27.9
.389
--66.5
6000.0000
.550
163.0
2.044
24.7
.131
23.5
.342
--82.7
7000.0000
.573
141.4
1.850
6.8
.154
16.7
.299
--102.3
8000.0000
.611
122.0
1.686
--10.6
.178
7.6
.261
--126.3
9000.0000
.656
104.6
1.541
--27.6
.200
--2.5
.236
--155.4
10000.0000
.702
88.9
1.408
--44.2
.220
--13.0
.235
172.0
11000.0000
.747
74.5
1.284
--60.3
.240
--23.7
.263
140.4
12000.0000
.789
61.1
1.167
--76.1
.260
--35.0
.316
113.3
13000.0000
.827
48.4
1.058
--91.6
.277
--47.0
.384
90.7
14000.0000
.858
35.8
.954
--107.0
.289
--59.5
.457
71.4
15000.0000
.883
23.4
.848
--122.3
.296
--72.0
.533
54.1
16000.0000
.905
11.5
.716
--137.8
.299
--83.6
.625
37.8
SGF31
VDS=3V IDS=30mA
FREQUENCY
GUmax
GAmax
S21^2
S12^2
K
Delay
Mason’s U
G1
G2
MHz
dB
dB
dB
dB
nsec
dB
dB
dB
3000.0000
13.37
9.44
--20.21
.81
.057
20.258
2.60
1.33
4000.0000
10.93
12.95
8.16
--19.66
1.02
.054
18.447
1.82
.94
5000.0000
9.43
10.83
7.15
--18.87
1.13
.052
17.436
1.58
.71
6000.0000
8.32
9.79
6.21
--17.66
1.12
.051
17.386
1.56
.54
7000.0000
7.48
9.39
5.34
--16.27
1.05
.049
18.673
1.73
.41
8000.0000
6.87
4.54
--15.01
.97
.048
23.592
2.03
.31
9000.0000
6.45
3.76
--13.99
.88
.047
2.44
.25
10000.0000
6.17
2.97
--13.14
.80
.046
2.95
.25
11000.0000
6.02
2.17
--12.39
.73
.044
3.54
.31
12000.0000
6.03
1.34
--11.70
.65
.044
4.22
.46
13000.0000
6.17
.49
--11.14
.57
.043
4.99
.69
14000.0000
6.40
--.41
--10.77
.49
.043
5.79
1.02
15000.0000
6.57
--1.43
--10.58
.43
.043
6.55
1.45
16000.0000
6.68
--2.90
--10.50
.36
.043
7.43
2.15


Similar Part No. - SGF31

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SGF32 SANYO-SGF32 Datasheet
64Kb / 5P
   N CHANNEL GAASMES TRANSISTOR
SGF33 SANYO-SGF33 Datasheet
46Kb / 5P
   For C to Ku-Band Local Oscillator and Amplifier
SGF34 SANYO-SGF34 Datasheet
56Kb / 5P
   N CHANNEL GAAS TRANSISTOR
SGF35 SANYO-SGF35 Datasheet
47Kb / 5P
   For C to Ku-Band Local Oscillator and Amplifier
More results

Similar Description - SGF31

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SGF35 SANYO-SGF35 Datasheet
47Kb / 5P
   For C to Ku-Band Local Oscillator and Amplifier
SGF29 SANYO-SGF29 Datasheet
38Kb / 5P
   For C to Ku-band Local Oscillator and Amplifier
SGF33 SANYO-SGF33 Datasheet
46Kb / 5P
   For C to Ku-Band Local Oscillator and Amplifier
2SK1645 SANYO-2SK1645 Datasheet
40Kb / 4P
   For C to X-band Local Oscillator and Amplifier
2SK1646 SANYO-2SK1646 Datasheet
33Kb / 4P
   For C to X-band Local Oscillator and Amplifier
SGF25 SANYO-SGF25 Datasheet
63Kb / 3P
   For C- to X-band local oscillator and amplifier
SGF9 SANYO-SGF9 Datasheet
66Kb / 8P
   For C to X-band Local Oscillator and Amplifier
logo
Toshiba Semiconductor
S8855 TOSHIBA-S8855 Datasheet
160Kb / 5P
   SUITABLE FOR Ku-BAND AMPLIFIER
logo
Sanyo Semicon Device
2SC4404 SANYO-2SC4404 Datasheet
101Kb / 4P
   UHF Local Oscillator, Wide-Band Amplifier Applications???????
logo
Hitachi Semiconductor
2SC2731 HITACHI-2SC2731 Datasheet
36Kb / 1P
   UHF TV TUNER FREQUENCY CONVERTER, LOCAL OSCILLATOR AND WIDE BAND AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com