Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71GL064A80BFI0F3 Datasheet(PDF) 3 Page - SPANSION

Part # S71GL064A80BFI0F3
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GL064A80BFI0F3 Datasheet(HTML) 3 Page - SPANSION

  S71GL064A80BFI0F3 Datasheet HTML 1Page - SPANSION S71GL064A80BFI0F3 Datasheet HTML 2Page - SPANSION S71GL064A80BFI0F3 Datasheet HTML 3Page - SPANSION S71GL064A80BFI0F3 Datasheet HTML 4Page - SPANSION S71GL064A80BFI0F3 Datasheet HTML 5Page - SPANSION S71GL064A80BFI0F3 Datasheet HTML 6Page - SPANSION S71GL064A80BFI0F3 Datasheet HTML 7Page - SPANSION S71GL064A80BFI0F3 Datasheet HTML 8Page - SPANSION S71GL064A80BFI0F3 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 102 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not
design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S71GL032A_00
Revision A Amendment 0 Issue Date March 31, 2005
General Description
The S71GL series is a product line of stacked Multi-Chip Product (MCP) packages and consists
of:
One S29PL032A (Simultaneous Read/Write) Flash memory die
pSRAM or SRAM
The products covered by this document are listed in the table below:
Distinctive Characteristics
MCP Features
Power supply voltage of 2.7 V to 3.1 V
High performance
— 100 ns (100 ns Flash, 70 ns pSRAM/SRAM)
Packages
— 7 x 9 x 1.2 mm 56 ball FBGA
Operating Temperature
— –25°C to +85°C
— –40°C to +85°C
S71GL032A Based MCPs
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
32 Megabit (2 M x 16-bit) CMOS 3.0 Volt-only
Page Mode Flash Memory and
16/8/4 Megabit (1M/512K/256K x 16-bit)
Pseudo Static RAM
ADVANCE
INFORMATION
Flash Memory Density
32Mb
pSRAM
Density
4Mb
S71GL032A40
8Mb
S71GL032A80/S71GL032A08


Similar Part No. - S71GL064A80BFI0F3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71GL064A80 SPANSION-S71GL064A80 Datasheet
2Mb / 134P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71GL064A80-0K SPANSION-S71GL064A80-0K Datasheet
2Mb / 134P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71GL064A80-0P SPANSION-S71GL064A80-0P Datasheet
2Mb / 134P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
More results

Similar Description - S71GL064A80BFI0F3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71GL128B0 EON-EN71GL128B0 Datasheet
545Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL03280 EON-EN71PL03280 Datasheet
223Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL032A0 EON-EN71PL032A0 Datasheet
212Kb / 7P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
SPANSION
S71PL064JA0BFW0P0 SPANSION-S71PL064JA0BFW0P0 Datasheet
726Kb / 22P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com