Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR27V3266D Datasheet(PDF) 1 Page - OKI electronic componets

Part # MR27V3266D
Description  2M x16 / 1M x32 Synchronous OTP ROM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V3266D Datasheet(HTML) 1 Page - OKI electronic componets

  MR27V3266D Datasheet HTML 1Page - OKI electronic componets MR27V3266D Datasheet HTML 2Page - OKI electronic componets MR27V3266D Datasheet HTML 3Page - OKI electronic componets MR27V3266D Datasheet HTML 4Page - OKI electronic componets MR27V3266D Datasheet HTML 5Page - OKI electronic componets MR27V3266D Datasheet HTML 6Page - OKI electronic componets MR27V3266D Datasheet HTML 7Page - OKI electronic componets MR27V3266D Datasheet HTML 8Page - OKI electronic componets MR27V3266D Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
DESCRIPTION
The MR27V3266D is a 32Mbit One Time Programmable Synchronous Read Only Memory whose configuration
can be electrically switched between 2,097,152 x16bit(word mode) and 1,048,576 x32bit(double word mode) by
the state of the /WORD pin. The MR27V3266D supports high speed synchronous read operations using a single
3.3V power supply.
FEATURES ON READ
-
3.3V power supply
-
LVTTL compatible with multiplexed address
-
Dual, electrically switchable configurations
2M x16(word mode) / 1M x32(double word mode)
-
All inputs are sampled at the rising edge of the system clock
-
High speed read operation
66MHz : CAS Latency=5
tRCDmin=2
Burst Length (4, 8)
Data scramble (sequential, interleave)
50MHz : CAS Latency=4, 5
tRCDmin=1
Burst Length (4, 8)
Data scramble (sequential, interleave)
-
DQM for data out masking
-
No Precharge operation is required. No Refresh operation is required.
-
No power on sequence is required.
Mode register is automatically initialized to the default state after power on.
"Row Active" command to read data is applicable as the first command just after power on.
-
Single Bank operation
-
Package : TSOP II 86-P-400-0.50-K
FEATURES ON PROGRAMMING
-
9.75V programming Power supply
-
Programming algorithm is compatible with conventional asynchronous 32M OTP.
MR27V3266D can be programmed with conventional EPROM programmers.
Synchronous Burst read or Static Programming Operation are selected by the state of STO pin.
High STO level enables full static programming. (Program, Program Verify, asynchronous Read)
Low STO level enables synchronous burst read.
Exclusive 86pin socket adapters are available from OKI to support programming requirements.
The socket adapter is used on a 48DIP socket on the programmer.
The socket adapter is designed with the STO pin connected to VCC in order to program MR27V3266D
as conventional 32M OTP.
EPROM programmer must have the proper algorithm for 32M OTP.
*Device damage can occur if improper algorithm is used.
-
High speed programming
10µs programming pulse per word allows high speed programming.
1 Semiconductor
MR27V3266D
2M x16 / 1M x32 Synchronous OTP ROM
August , 1999
Revision 2.4
32M Synchronous OTP


Similar Part No. - MR27V3266D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V3202D OKI-MR27V3202D Datasheet
57Kb / 11P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202E OKI-MR27V3202E Datasheet
90Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202F OKI-MR27V3202F Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V3202FMA OKI-MR27V3202FMA Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V3202FTN OKI-MR27V3202FTN Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
More results

Similar Description - MR27V3266D

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C8100 MCNIX-MX27C8100 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
MX27C8111 MCNIX-MX27C8111 Datasheet
488Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM WITH PAGE MODE
logo
Samsung semiconductor
K7A203200B SAMSUNG-K7A203200B Datasheet
357Kb / 16P
   64Kx36/x32 Synchronous SRAM
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX29F1610A MCNIX-MX29F1610A Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
logo
Samsung semiconductor
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
Macronix International
MX29F1615 MCNIX-MX29F1615 Datasheet
337Kb / 26P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com