Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1622P Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TEA1622P
Description  STARplugTM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1622P Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEA1622P Datasheet HTML 6Page - NXP Semiconductors TEA1622P Datasheet HTML 7Page - NXP Semiconductors TEA1622P Datasheet HTML 8Page - NXP Semiconductors TEA1622P Datasheet HTML 9Page - NXP Semiconductors TEA1622P Datasheet HTML 10Page - NXP Semiconductors TEA1622P Datasheet HTML 11Page - NXP Semiconductors TEA1622P Datasheet HTML 12Page - NXP Semiconductors TEA1622P Datasheet HTML 13Page - NXP Semiconductors TEA1622P Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
9397 750 12578
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 17 March 2004
10 of 16
Philips Semiconductors
TEA1622P
STARplugTM
GV(erroramp)
voltage gain of error amplifier
-
20
-
dB
VREG(clamp)
clamping voltage on pin REG
IREG = 6 mA
-
-
7.5
V
Valley switching recognition
dV/dtvalley
valley recognition
−102
-
+102
V/
µs
fvalley
ringing frequency for valley switching
N
× V
o = 100 V
200
550
800
kHz
td(valley-on)
delay from valley recognition to
switch-on
-
150
-
ns
Output stage (FET)
IL(drain)
drain leakage current
VDRAIN = 650 V
-
-
125
µA
VBR(drain)
drain breakdown voltage
Tj >0 °C
650
-
-
V
RDSon
drain-source on-state resistance
ISOURCE = −0.06 A
Tj =25 °C
-
12
13.8
Tj = 100 °C
-
17
19.6
tdrain(f)
drain fall time
VDRAIN(switch_on) = 300 V;
no external capacitor at pin
DRAIN
-75
-
ns
Temperature protection
Tprot(max)
maximum threshold temperature
150
160
170
°C
Tprot(hys)
threshold temperature hysteresis
-
2
-
°C
Overcurrent and short winding protection: pin SOURCE
Vsource(max)
overcurrent protection voltage
dV/dt = 0.1 V/
µs
0.47
0.50
0.53
V
Vswp
short winding protection voltage
dV/dt = 0.5 V/
µs
0.7
0.75
0.8
V
td(propagation)
delay from detecting Vsource(max) to
switch-off
dV/dt = 0.5 V/
µs
-
160
185
ns
tleb
leading edge blanking time
both overcurrent and short
winding protection
250
350
450
ns
Table 6:
Characteristics …continued
Tamb =25 °C; no overtemperature; all voltages are measured with respect to ground; currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - TEA1622P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1622P/N1 NXP-TEA1622P/N1 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
More results

Similar Description - TEA1622P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA152X PHILIPS-TEA152X_V01 Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com