Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIL3022 Datasheet(PDF) 5 Page - Texas Instruments

Part # TIL3022
Description  OPTOCOUPLERS/OPTOISOLATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL3022 Datasheet(HTML) 5 Page - Texas Instruments

  TIL3022 Datasheet HTML 1Page - Texas Instruments TIL3022 Datasheet HTML 2Page - Texas Instruments TIL3022 Datasheet HTML 3Page - Texas Instruments TIL3022 Datasheet HTML 4Page - Texas Instruments TIL3022 Datasheet HTML 5Page - Texas Instruments TIL3022 Datasheet HTML 6Page - Texas Instruments TIL3022 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TIL3020 THRU TIL3023
OPTOCOUPLERS/OPTOISOLATORS
SOES028 – DECEMBER 1987 – REVISED OCTOBER 1995
7–5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL INFORMATION
0.010 (0,25) NOM
1
Seating Plane
0
°–15°
105
°
90
°
2
3
6
5
4
CL
CL
6,61 (0.260)
6,09 (0.240)
7,62 (0.300) T.P.
(see Note A)
5,46 (0.215)
2,92 (0.115)
1,78 (0.070)
0,51 (0.020)
1,78(0.070)
3,17 (0.125)
2,29 (0.090)
1,27 (0.050)
4 Places
2,54 (0.100) T.P.
(see Note A)
1,01 (0.040) MIN
0,534 (0.021)
0,381 (0.015)
6 Places
1,78 (0.070) MAX
6 Places
Index Dot
(see Note B)
9,40 (0.370)
8,38 (0.330)
(see Note C)
NOTES: A. Leads are within 0,13 (0.005) radius of true position (T.P.) with maximum material condition and unit installed.
B. Pin 1 identified by index dot.
C. Terminal connections:
1. Anode (part of the infrared-emitting diode)
2. Cathode (part of the infrared-emitting diode)
3. No internal connection
4. Main terminal (part of the phototransistor)
5. Triac Substrate (DO NOT connect) (part of the phototransistor)
6. Main terminal (part of the phototransistor)
D. The dimensions given fall within JEDEC MO-001 AM dimensions.
E. All linear dimensions are given in millimeters and parenthetically given in inches.
Figure 8. Mechanical Information


Similar Part No. - TIL3022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL302 TI1-TIL302 Datasheet
114Kb / 7P
[Old version datasheet]   NUMERIC DISGPLAYS
TIL302 TI-TIL302 Datasheet
102Kb / 7P
[Old version datasheet]   NUMERIC DISPLAYS
More results

Similar Description - TIL3022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3020 TI-MOC3020 Datasheet
132Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
TIL3009 TI-TIL3009 Datasheet
104Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
MOC3009 TI-MOC3009 Datasheet
96Kb / 7P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
TIL187-1 TI-TIL187-1 Datasheet
312Kb / 9P
[Old version datasheet]   AC-INPUT OPTOCOUPLERS/OPTOISOLATORS
TIL923 TI-TIL923 Datasheet
146Kb / 8P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
TIL917 TI-TIL917 Datasheet
119Kb / 7P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
   Optoisolators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com