Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1054AU Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TJA1054AU
Description  Fault-tolerant CAN transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TJA1054AU Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TJA1054AU Datasheet HTML 6Page - NXP Semiconductors TJA1054AU Datasheet HTML 7Page - NXP Semiconductors TJA1054AU Datasheet HTML 8Page - NXP Semiconductors TJA1054AU Datasheet HTML 9Page - NXP Semiconductors TJA1054AU Datasheet HTML 10Page - NXP Semiconductors TJA1054AU Datasheet HTML 11Page - NXP Semiconductors TJA1054AU Datasheet HTML 12Page - NXP Semiconductors TJA1054AU Datasheet HTML 13Page - NXP Semiconductors TJA1054AU Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
2004 Mar 23
10
Philips Semiconductors
Product specification
Fault-tolerant CAN transceiver
TJA1054A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); note 1.
Notes
1. All voltages are defined with respect to pin GND. Positive current flows into the device.
2. Only relevant if VWAKE <VGND − 0.3 V; current will flow into pin GND.
3. Junction temperature in accordance with
“IEC 60747-1”. An alternative definition is: Tvj =Tamb +P × Rth(vj-a) where
Rth(vj-a) is a fixed value to be used for the calculation of Tvj. The rating for Tvj limits the allowable combinations of
power dissipation (P) and operating ambient temperature (Tamb).
4. Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω resistor.
5. Equivalent to discharging a 200 pF capacitor through a 10
Ω resistor and a 0.75 µH coil.
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
Quality specification in accordance with
“AEC-Q100”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage on pin VCC
−0.3
+6
V
VBAT
battery voltage on pin BAT
−0.3
+40
V
Vn
DC voltage on pins TXD, RXD,
ERR, STB and EN
−0.3
VCC + 0.3
V
VCANH
CANH bus line voltage
−27
+40
V
VCANL
CANL bus line voltage
−27
+40
V
Vtrt(n)
transient voltage on pins CANH
and CANL
see Fig.6
−150
+100
V
VWAKE
DC input voltage on pin WAKE
VBAT + 0.3
V
IWAKE
DC input current on pin WAKE
note 2
−15
mA
VINH
DC output voltage on pin INH
−0.3
VBAT + 0.3
V
VRTH
DC voltage on pin RTH
−0.3
VBAT + 1.2
V
VRTL
DC voltage on pin RTL
−0.3
VBAT + 1.2
V
RRTH
termination resistance on pin RTH
500
16000
RRTL
termination resistance on pin RTL
500
16000
Tvj
virtual junction temperature
note 3
−40
+150
°C
Tstg
storage temperature
−55
+150
°C
Vesd
electrostatic discharge voltage
human body model; note 4
pins RTH, RTL, CANH and CANL
−4+4
kV
all other pins
−2+2
kV
machine model; note 5
any pin
−300
+300
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
120
K/W
Rth(j-s)
thermal resistance from junction to substrate bare die
in free air
40
K/W


Similar Part No. - TJA1054AU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1054AU NXP-TJA1054AU Datasheet
152Kb / 27P
   Fault-tolerant CAN transceiver
Rev. 05-29 September 2009
More results

Similar Description - TJA1054AU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 15
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
logo
STMicroelectronics
L9669 STMICROELECTRONICS-L9669 Datasheet
205Kb / 13P
   FAULT TOLERANT CAN TRANSCEIVER
logo
NXP Semiconductors
TJA1054_1008 NXP-TJA1054_1008 Datasheet
811Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 4-3 August 2010
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
   Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
   Fault-tolerant CAN transceiver
1999 Feb 11
logo
ON Semiconductor
AMIS41682NGA ONSEMI-AMIS41682NGA Datasheet
259Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054A NXP-TJA1054A Datasheet
152Kb / 27P
   Fault-tolerant CAN transceiver
Rev. 05-29 September 2009
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682_15 Datasheet
219Kb / 16P
   Fault Tolerant CAN Transceiver
April, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com