Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL497AY Datasheet(PDF) 1 Page - Texas Instruments

Part # TL497AY
Description  SWITCHING VOLTAGE REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL497AY Datasheet(HTML) 1 Page - Texas Instruments

  TL497AY Datasheet HTML 1Page - Texas Instruments TL497AY Datasheet HTML 2Page - Texas Instruments TL497AY Datasheet HTML 3Page - Texas Instruments TL497AY Datasheet HTML 4Page - Texas Instruments TL497AY Datasheet HTML 5Page - Texas Instruments TL497AY Datasheet HTML 6Page - Texas Instruments TL497AY Datasheet HTML 7Page - Texas Instruments TL497AY Datasheet HTML 8Page - Texas Instruments TL497AY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TL497AC, TL497AI, TL497AY
SWITCHING VOLTAGE REGULATORS
SLVS009C – JUNE 1976 – REVISED AUGUST 1995
Copyright
© 1995, Texas Instruments Incorporated
4–1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
High Efficiency... 60% or Greater
Output Current... 500 mA
Input Current Limit Protection
TTL-Compatible Inhibit
Adjustable Output Voltage
Input Regulation... 0.2% Typ
Output Regulation... 0.4% Typ
Soft Start-Up Capability
description
The TL497AC and TL497AI incorporate on a single monolithic chip all the active functions required in the
construction of switching voltage regulators. They can also be used as the control element to drive external
components for high-power-output applications. The TL497AC and TL497AI were designed for ease of use in
step-up, step-down, or voltage inversion applications requiring high efficiency.
The TL497AC and TL497AI are fixed-on-time variable-frequency switching-voltage-regulator control circuits.
The switch-on time is programmed by a single external capacitor connected between FREQ CONTROL and
GND. This capacitor, CT, is charged by an internal constant-current generator to a predetermined threshold. The
charging current and the threshold vary proportionally with VCC. Thus, the switch-on time remains constant over
the specified range of input voltage (4.5 V to 12 V). Typical on times for various values of CT are as follows:
TIMING CAPACITOR, CT (pF)
200
250
350
400
500
750
1000
1500
2000
ON TIME (
µs)
19
22
26
32
44
56
80
120
180
The output voltage is controlled by an external resistor ladder network (R1 and R2 in Figures 1, 2, and 3) that
provides a feedback voltage to the comparator input. This feedback voltage is compared to the reference
voltage of 1.2 V (relative to SUBSTRATE) by the high-gain comparator. When the output voltage decays below
the value required to maintain 1.2 V at the comparator input, the comparator enables the oscillator circuit, which
charges and discharges CT as described above. The internal pass transistor is driven on during the charging
of CT. The internal transistor may be used directly for switching currents up to 500 mA. Its collector and emitter
are uncommitted, and it is current driven to allow operation from the positive supply voltage or ground. An
internal Schottky diode matched to the current characteristics of the internal transistor is also available for
blocking or commutating purposes. The TL497AC and TL497AI also have on-chip current-limit circuitry that
senses the peak currents in the switching regulator and protects the inductor against saturation and the pass
transistor against overstress. The current limit is adjustable and is programmed by a single sense resistor, RCL,
connected between VCC and CUR LIM SENS. The current-limit circuitry is activated when 0.7 V is developed
across RCL. External gating is provided by the INHIBIT input. When the INHIBIT input is high, the output is turned
off.
AVAILABLE OPTIONS
T
PACKAGED DEVICES
CHIP
TA
SURFACE MOUNT
(D)
PLASTIC DIP
(N)
SHRINK
SMALL OUTLINE
(PW)
CHIP
FORM
(Y)
0
°C to 70°C
TL497ACD
TL497ACN
TL497ACPW
TL497AY
–40
°C to 85°C
TL497AID
TL497AIN
1
2
3
4
5
6
7
14
13
12
11
10
9
8
COMP INPUT
INHIBIT
FREQ CONTROL
SUBSTRATE
GND
CATHODE
ANODE
VCC
CUR LIM SENS
BASE DRIVE
BASE
COL OUT
NC
EMIT OUT
(TOP VIEW)
TL497AC, TL497AI . . . D, N, OR PW PACKAGE
NC – No internal connection
† BASE (11) and BASE DRIVE (12) are used for device testing only.
They are not normally used in circuit applications of the device.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TL497AY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL497AY TI-TL497AY Datasheet
137Kb / 9P
[Old version datasheet]   SWITCHING VOLTAGE REGULATORS
TL497AY TI-TL497AY Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
More results

Similar Description - TL497AY

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK1509-XX IKSEMICON-IK1509-XX Datasheet
103Kb / 6P
   Switching Voltage Regulators
IL2596-XX IKSEMICON-IL2596-XX Datasheet
587Kb / 12P
   Switching Voltage Regulators
logo
Toshiba Semiconductor
TK17A25D TOSHIBA-TK17A25D Datasheet
223Kb / 9P
   Switching Voltage Regulators
TK20E60U TOSHIBA-TK20E60U Datasheet
250Kb / 9P
   Switching Voltage Regulators
TK65A10N1 TOSHIBA-TK65A10N1 Datasheet
243Kb / 9P
   Switching Voltage Regulators
TK6A45DA TOSHIBA-TK6A45DA Datasheet
233Kb / 9P
   Switching Voltage Regulators
TK6Q60W TOSHIBA-TK6Q60W Datasheet
247Kb / 10P
   Switching Voltage Regulators
TK100E08N1 TOSHIBA-TK100E08N1 Datasheet
251Kb / 9P
   Switching Voltage Regulators
TK8P60W TOSHIBA-TK8P60W Datasheet
301Kb / 10P
   Switching Voltage Regulators
TK16N60W TOSHIBA-TK16N60W Datasheet
255Kb / 10P
   Switching Voltage Regulators
TK40M60U TOSHIBA-TK40M60U Datasheet
249Kb / 9P
   Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com