Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6501TT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA6501TT
Description  5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6501TT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA6501TT Datasheet HTML 6Page - NXP Semiconductors TDA6501TT Datasheet HTML 7Page - NXP Semiconductors TDA6501TT Datasheet HTML 8Page - NXP Semiconductors TDA6501TT Datasheet HTML 9Page - NXP Semiconductors TDA6501TT Datasheet HTML 10Page - NXP Semiconductors TDA6501TT Datasheet HTML 11Page - NXP Semiconductors TDA6501TT Datasheet HTML 12Page - NXP Semiconductors TDA6501TT Datasheet HTML 13Page - NXP Semiconductors TDA6501TT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
9397 750 15057
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 14 June 2005
10 of 37
Philips Semiconductors
TDA6500; TDA6501
5 V mixer/oscillator and synthesizer for PAL and NTSC standards
[1]
Accuracy is
±0.03VCC.
7.2.3 Power-on reset
The power-on detection threshold voltage is set to VPOR = 3.5 V at room temperature.
Below this threshold, the device is reset to the power-on state.
In the power-on state, the charge pump current is set to 280
µA, the tuning voltage output
is disabled, the test bits T2 = 0, T1 = 0 and T0 = 1, the AGC take-over point is set to
112 dB
µV and the AGC current is set to the slow mode. The high band is selected by
default.
Table 13:
ADC levels
Voltage applied to ADC input [1]
A2
A1
A0
0.60VCC to VCC
100
0.45VCC to 0.60VCC
011
0.30VCC to 0.45VCC
010
0.15VCC to 0.30VCC
001
0 V to 0.15VCC
000
Table 14:
Default bits at power-on reset
Name
Byte
Bit
MSB
LSB
Address byte
ADB
11000MA1
MA0
X
Divider byte 1
DB1
0
XXXXXXX
Divider byte 2
DB2
XXXXXXXX
Control byte
CB
11001X
X
1
Band switch byte
BB
-
0
-
00000
Auxiliary byte
AB
0010
----


Similar Part No. - TDA6501TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6501TT PHILIPS-TDA6501TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
More results

Similar Description - TDA6501TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
logo
OmniVision Technologies...
OV7959 OMNIVISION-OV7959 Datasheet
1Mb / 2P
   NTSC and PAL output
logo
NXP Semiconductors
TDA6650ATT NXP-TDA6650ATT Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NXP Semiconductors
TDA8360 PHILIPS-TDA8360 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
logo
STMicroelectronics
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
   PAL/NTSC DECODER AND VIDEO PROCESSOR
April 1996
logo
Toshiba Semiconductor
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com