Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4052 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 4052
Description  ANALOG MULTIPLEXERS /DEMULTIPLEXERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4052 Datasheet(HTML) 3 Page - Unisonic Technologies

  4052 Datasheet HTML 1Page - Unisonic Technologies 4052 Datasheet HTML 2Page - Unisonic Technologies 4052 Datasheet HTML 3Page - Unisonic Technologies 4052 Datasheet HTML 4Page - Unisonic Technologies 4052 Datasheet HTML 5Page - Unisonic Technologies 4052 Datasheet HTML 6Page - Unisonic Technologies 4052 Datasheet HTML 7Page - Unisonic Technologies 4052 Datasheet HTML 8Page - Unisonic Technologies 4052 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UTC 4052
CMOS
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R502-013,A
-55°C
25°C
125°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN MAX MIN TYP*3 MAX MIN MAX
UNIT
Input Leakage
Current
Iin
VDD=15V ,Vin=0 or VDD
±
0.1
±
10-5 ±0.1
1.0
µA
Input Capacitance
Cin
5.0
7.5
pF
SWITCHES IN/OUT AND COMMONS OUT/IN –X,Y,Z(Voltages Referenced to VEE)
Recommended
Peak-to-Peak
Voltage Into or Out of
the Switch
VI/O
Channel On or Off
0
VDD
0
VDD
0
VDD
Vpp
Recommended Static
or Dynamic Voltage
Across the Switch *4
(Figure 3)
Vswitch Channel On
0
600
0
600
0
300
mV
Output Offset
Voltage
Voo
Vin=0V,No Load
10
µV
ON Resistance
Ron
Vswitch≤500mV *4
Vin=VIL or VIH (Control),
and Vin=0 to VDD(Switch)
VDD=5.0V
VDD=10V
VDD=15V
800
400
220
250
120
80
1050
500
280
1200
520
300
Ω
ON Resistance
Between Any Two
Channels in the
Same Package
Ron
VDD=5.0V
VDD=10V
VDD=15V
70
50
45
25
10
10
70
50
45
135
95
65
Ω
Off-Channel Leakage
Current(Figure 8)
Ioff
VDD=15V ,Vin=VIL or VIH
(Control) Channel to
Channel or Any One
Channel
±
100
±
0.05 ±100
±
1000
nA
Capacitance,
Switch I/O
CI/O
Inhibit=VDD
10
pF
Capacitance,
Common O/I
CO/I
Inhibit=VDD
32
pF
Capacitance,
Feedthrough
(Channel Off)
CI/O
Pins Not Adjacent
Pins Adjacent
0.15
0.47
pF
*3. Data labeled “Typ” is not to be used for design purposes, but is intended as an indication of the IC’s potential
*performance.
*4. For voltage drops across the switch (△Vswitch) > 600 mV ( > 300 mV at high temperature), excessive VDD
*
current may be drawn, i.e. the current out of the switch may contain both VDD and switch input components. The
*reliability of the device will be unaffected unless the Maximum Ratings are exceeded. (See first page of this data
*sheet.)


Similar Part No. - 4052

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4052 UTC-4052 Datasheet
216Kb / 6P
   DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
4052 UTC-4052 Datasheet
255Kb / 6P
   DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS DEMULTIPLEXERS
logo
3M Electronics
4052 3M-4052 Datasheet
109Kb / 5P
   Double Coated Urethane Foam Tapes
logo
Heyco.
4052 HEYCO-4052 Datasheet
112Kb / 1P
   Lockit™ Loops and Clips
4052 HEYCO-4052 Datasheet
112Kb / 1P
   Lockit Loops and Clips
More results

Similar Description - 4052

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com