Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL10353QCG Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # ZL10353QCG
Description  Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL10353QCG Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button ZL10353QCG Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL10353QCG Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL10353QCG Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL10353QCG Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL10353QCG Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL10353QCG Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL10353QCG Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL10353QCG Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL10353QCG Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ZL10353
Data Sheet
10
Zarlink Semiconductor Inc.
2.9
Common Phase Error Correction
This module subtracts the common phase offset from all the carriers of the OFDM signal to minimize the effect of
the tuner phase noise on system performance.
2.10
Channel Equalization
This consists of two parts. The first part involves estimating the channel frequency response from pilot information.
Efficient algorithms have been used to track time-varying channels with a minimum of hardware.
The second part involves applying a correction to the data carriers based on the estimated frequency response of
the channel. This module also generates dynamic channel state information (CSI) for every carrier in every symbol.
2.11
Impulse Filtering
ZL10353 contains several mechanisms to reduce the impact of impulse noise on system performance.
2.12
Transmission Parameter Signalling (TPS)
An OFDM frame consists of 68 symbols and a superframe is made up of four such frames. There is a set of TPS
carriers in every symbol and all these carry one bit of TPS. These bits, when combined, include information about
the transmission mode, guard ratio, constellation, hierarchy and code rate, as defined in ETS 300 744. In addition,
the first eight bits of the cell identifier are contained in even frames and the second eight bits of the cell identifier are
in odd frames. The TPS module extracts all the TPS data, and presents these to the host processor in a structured
manner.
2.13
De-Mapper
This module generates soft decisions for demodulated bits using the channel-equalized in-phase and quadrature
components of the data carriers as well as per-carrier channel state information (CSI). The de-mapping algorithm
depends on the constellation (QPSK, 16QAM or 64QAM) and the hierarchy (
α = 0, 1, 2 or 4). Soft decisions for both
low- and high-priority data streams are generated.
2.14
Symbol and Bit De-Interleaving
The OFDM transmitter interleaves the bits within each carrier and also the carriers within each symbol. The
de-interleaver modules consist largely of memory to invert these interleaving functions and present the soft
decisions to the FEC in the original order.


Similar Part No. - ZL10353QCG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10354 ZARLINK-ZL10354 Datasheet
578Kb / 34P
   Diversity Enabled Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
ZL10354QCF ZARLINK-ZL10354QCF Datasheet
578Kb / 34P
   Diversity Enabled Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
ZL10354QCF1 ZARLINK-ZL10354QCF1 Datasheet
578Kb / 34P
   Diversity Enabled Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
ZL10354QCG ZARLINK-ZL10354QCG Datasheet
578Kb / 34P
   Diversity Enabled Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
ZL10354QCG1 ZARLINK-ZL10354QCG1 Datasheet
578Kb / 34P
   Diversity Enabled Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
More results

Similar Description - ZL10353QCG

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
CE6353 INTEL-CE6353 Datasheet
478Kb / 26P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
logo
Zarlink Semiconductor I...
ZL10355 ZARLINK-ZL10355 Datasheet
456Kb / 26P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV(DTV)
logo
List of Unclassifed Man...
PS20353 ETC2-PS20353 Datasheet
2Mb / 27P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator
logo
Zarlink Semiconductor I...
ZL10354 ZARLINK-ZL10354 Datasheet
578Kb / 34P
   Diversity Enabled Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
logo
List of Unclassifed Man...
PS20355 ETC2-PS20355 Datasheet
2Mb / 25P
   Nordig Unified DVB-T COFDM
logo
NXP Semiconductors
TDA8961 PHILIPS-TDA8961 Datasheet
157Kb / 36P
   ATSC Digital Terrestrial TV demodulator/decoder
2000 May 19
logo
Zarlink Semiconductor I...
MT352 ZARLINK-MT352 Datasheet
478Kb / 24P
   COFDM Demodulator
logo
STMicroelectronics
STV0360 STMICROELECTRONICS-STV0360 Datasheet
94Kb / 2P
   COFDM demodulators IC for terrestrial TV set-top box
October 2004 Rev. 1
logo
List of Unclassifed Man...
PS20230 ETC2-PS20230 Datasheet
1Mb / 26P
   COFDM demodulator with USB interface for PC-TV
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com