Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E54B Datasheet(PDF) 10 Page - Winbond

Part # W78E54B
Description  8-BIT MICROCONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E54B Datasheet(HTML) 10 Page - Winbond

Back Button W78E54B Datasheet HTML 6Page - Winbond W78E54B Datasheet HTML 7Page - Winbond W78E54B Datasheet HTML 8Page - Winbond W78E54B Datasheet HTML 9Page - Winbond W78E54B Datasheet HTML 10Page - Winbond W78E54B Datasheet HTML 11Page - Winbond W78E54B Datasheet HTML 12Page - Winbond W78E54B Datasheet HTML 13Page - Winbond W78E54B Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
W78E54B
- 10 -
OPERATIONS
P3.0
(A9
CTRL)
P3.1
(A13
CTRL)
P3.2
(A14
CTRL)
P3.3
(OE
CTRL)
P3.6
( CE )
P3.7
( OE )
EA
(VPP)
P2, P1
(A15..A0)
P0
(D7..D0)
NOTE
Read
0
0
0
0
0
0
1
Address
Data Out
Output Disable
0
0
0
0
0
1
1
X
Hi-Z
Program
0
0
0
0
0
1
VCP
Address
Data In
Program Verify
0
0
0
0
1
0
VCP
Address
Data Out
@3
Erase
1
0
0
0
0
1
VEP
A0:0,
others: X
Data In
0FFH
@4
Erase Verify
1
0
0
0
1
0
VEP
Address
Data Out
@5
Program/Erase
Inhibit
X
0
0
0
1
1
VCP/
VEP
X
X
Notes:
1. All these operations happen in RST = VIH, ALE = VIL and PSEN = VIH.
2. VCP = 12.5V, VEP = 14.5V, VIH = VDD, VIL = Vss.
3. The program verify operation follows behind the program operation.
4. This erase operation will erase all the on-chip Flash EPROM cells and the Security bits.
5. The erase verify operation follows behind the erase operation.
SECURITY BITS
During the on-chip Flash EPROM operation mode, the Flash EPROM can be programmed and verified
repeatedly. Until the code inside the Flash EPROM is confirmed OK, the code can be protected. The
protection of Flash EPROM and those operations on it are described below.
The W78E54B has a Security Register which can not be accessed in normal mode. These registers
can only be accessed from the Flash EPROM operation mode. Those bits of the Security Register can
not be changed once they have been programmed from high to low. They can only be reset through
erase-all operation. The Security Register is addressed in the Flash EPROM operation mode by
address #0FFFFh.


Similar Part No. - W78E54B

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
320Kb / 25P
   8-BIT MICROCONTROLLER
W78E54B WINBOND-W78E54B_06 Datasheet
320Kb / 25P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78E54B

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com