Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC384-5 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC384-5
Description  LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC384-5 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC384-5 Datasheet HTML 2Page - Texas Instruments UCC384-5 Datasheet HTML 3Page - Texas Instruments UCC384-5 Datasheet HTML 4Page - Texas Instruments UCC384-5 Datasheet HTML 5Page - Texas Instruments UCC384-5 Datasheet HTML 6Page - Texas Instruments UCC384-5 Datasheet HTML 7Page - Texas Instruments UCC384-5 Datasheet HTML 8Page - Texas Instruments UCC384-5 Datasheet HTML 9Page - Texas Instruments UCC384-5 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UCC284–5, UCC284–12, UCC284–ADJ, UCC384–5, UCC384–12, UCC384–ADJ
LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
SLUS234D – JANUARY 2000 – REVISED FEBRUARY 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
programming the output voltage on the UCC384 (continued)
UDG–99029
5
4
1
3
2
R1
R2
VOUT
VOUTS
GND
6
7
VIN
VIN
VIN
VIN
CIN
VIN
8
CT
SD/CT
COUT
VOUT
+
+
(+)
(–)
(+)
(–)
C1
UCC384–ADJ
1
µF
4.7
µF
0.015
µF
Figure 1. Typical Application Circuit
For the UCC384–ADJ, the output voltage is programmed by the following equation:
VOUT
+* 1.25
1
) R1
R2
(1)
When R1 or R2 are selected to be greater than about 100 k
Ω, a small ceramic capacitor should be placed across
R1 to cancel the input pole created by R1 and the parasitic capacitance appearing on VOUTS. Values of
approximately 20 pF should be adequate.
dropout performance
The UCC384 is tailored for low-dropout applications where low-quiescent power is important. Fabricated with
a BCDMOS technology ideally suited for low input-to-output differential applications, the UCC384 passes 0.5 A
while requiring only 0.2 V of headroom. The dropout voltage is dependent on operating conditions such as load
current, input and load voltages, and temperature. The UCC384 achieves a low RDS(on) through the use of an
internal charge-pump that drives the MOSFET gate.
Figure 2 shows typical dropout voltages versus output voltage for the UCC384-5 V and -12 V versions as well
as the UCC384–ADJ version programmed between –3.3 V and –15 V. Since the dropout voltage is also affected
by output current, Figure 3 shows typical dropout voltages versus load current for different values of VOUT.
Operating temperatures also affect the RDS(on) and the dropout voltage of the UCC384. Figure 4 shows typical
dropout voltages for the UCC384 over temperature under a full load of 0.5 A.
short-circuit protection
The UCC384 provides unique short-circuit protection circuitry that reduces power dissipation during a fault.
When an overcurrent condition is detected, the device enters a pulsed mode of operation, limiting the output
to a 2.5% duty cycle. This reduces the heat sink requirements during a fault. The operation of the UCC384 during
an overcurrent condition is shown in Figure 5.


Similar Part No. - UCC384-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC384-5 TI-UCC384-5 Datasheet
182Kb / 10P
[Old version datasheet]   Low Dropout 0.5A Negative Linear Regulator
More results

Similar Description - UCC384-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC284-EP TI-UCC284-EP_15 Datasheet
622Kb / 21P
[Old version datasheet]   LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
UCC284-EP TI-UCC284-EP Datasheet
461Kb / 20P
[Old version datasheet]   LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
UCC284- TI-UCC284- Datasheet
182Kb / 10P
[Old version datasheet]   Low Dropout 0.5A Negative Linear Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Maxim Integrated Produc...
MAX1735 MAXIM-MAX1735 Datasheet
348Kb / 10P
   200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23
19-1783; Rev 0; 7/00
logo
Linear Technology
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com