Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE0002B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XE0002B
Description  DAA with 2/4 Wire Hybrid
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE0002B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XE0002B Datasheet HTML 1Page - List of Unclassifed Manufacturers XE0002B Datasheet HTML 2Page - List of Unclassifed Manufacturers XE0002B Datasheet HTML 3Page - List of Unclassifed Manufacturers XE0002B Datasheet HTML 4Page - List of Unclassifed Manufacturers XE0002B Datasheet HTML 5Page - List of Unclassifed Manufacturers XE0002B Datasheet HTML 6Page - List of Unclassifed Manufacturers XE0002B Datasheet HTML 7Page - List of Unclassifed Manufacturers XE0002B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DAA with 2/4 Wire Hybrid
XE0002B
Features
• Small Size - 1.25" x 1.0" x 0.5"
• FCC Part 68 Compliant
• Ring Detection
• 2 to 4 Wire Converter
• 1500 Volt Isolation
• 800 Volt Surge Protection
• Hookswitch Control
Description
The XE0002B Data Access Arrangement provides a
'direct connect' telephone line interface. It complies
with FCC Part 68 hazardous voltage, surge and leakage
current specifications. This component may be used as
the direct connect telephone line interface for virtually
any application in which voice or data is to be
transmitted over the public switched telephone network.
The XE0002B provides high voltage isolation,
independent on/off hook control, ring detection circuitry
and a 2 to 4 wire converter hybrid for use in modem
applications. It operated from ±5 volt power supplies
and occupies 1.25 square inches of board space.
1 •
20
2
3
4
17
5
6
7
14
8
13
9
12
10
11
VDD
Vcc
RI
RCVR
XMIT
XMFR
T1
OH
GND
T2
TIP
RING
N/C
N/C
N/C
N/C
PIN CONFIGURATION
CAUTION
PINS 17 & 20 HAVE 1500V ISOLATION FROM THE REST OF
THE CIRCUITRY. THIS ISOLATION SHOULD BE
PRESERVED THROUGHOUT THE SYSTEM
XECOM
(Top View)
Block Diagram


Similar Part No. - XE0002B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE0002D ETC1-XE0002D Datasheet
53Kb / 7P
   Modular DAA with 2/4 Wire Convertor
More results

Similar Description - XE0002B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE0002D ETC1-XE0002D Datasheet
53Kb / 7P
   Modular DAA with 2/4 Wire Convertor
XE0052S ETC1-XE0052S Datasheet
32Kb / 7P
   Slim V.34 Telephone Line Interface with 2/4 Wire Hybrid
XE0052S1 ETC2-XE0052S1 Datasheet
31Kb / 7P
   Slim V.34 Telephone Line Interface with 2/4 Wire Hybrid
logo
IXYS Corporation
CYG2111 IXYS-CYG2111 Datasheet
138Kb / 5P
   Cybergate DAA
CYG2110 IXYS-CYG2110 Datasheet
490Kb / 4P
   Cybergate DAA
CYG2217 IXYS-CYG2217 Datasheet
124Kb / 4P
   Cybergate DAA
CYG2320 IXYS-CYG2320 Datasheet
136Kb / 5P
   Cybergate DAA
logo
Molex Electronics Ltd.
0351500210 MOLEX4-0351500210 Datasheet
104Kb / 2P
   6.20mm (.244") Pitch Wire-to-Wire VersaBlade??Hybrid Plug Housing, with Mounting Ears, 2 Circuits
logo
LinkCom Manufacturing C...
LAN0069-50 LINKCOM-LAN0069-50 Datasheet
38Kb / 1P
   SMART-DAA Transformer
logo
Silicon Laboratories
SI3008 SILABS-SI3008 Datasheet
874Kb / 72P
   V.22BIS ISOMODEM짰 WITH LOW-COST DAA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com