Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC384DP-ADJG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC384DP-ADJG4
Description  LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC384DP-ADJG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC384DP-ADJG4 Datasheet HTML 2Page - Texas Instruments UCC384DP-ADJG4 Datasheet HTML 3Page - Texas Instruments UCC384DP-ADJG4 Datasheet HTML 4Page - Texas Instruments UCC384DP-ADJG4 Datasheet HTML 5Page - Texas Instruments UCC384DP-ADJG4 Datasheet HTML 6Page - Texas Instruments UCC384DP-ADJG4 Datasheet HTML 7Page - Texas Instruments UCC384DP-ADJG4 Datasheet HTML 8Page - Texas Instruments UCC384DP-ADJG4 Datasheet HTML 9Page - Texas Instruments UCC384DP-ADJG4 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
UCC284–5, UCC284–12, UCC284–ADJ, UCC384–5, UCC384–12, UCC384–ADJ
LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
SLUS234D – JANUARY 2000 – REVISED FEBRUARY 2002
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
short-circuit protection (continued)
Figure 2
I
OUT = 0.1 A
I
OUT = 0.2 A
I
OUT = 0.3 A
I
OUT = 0.4 A
I
OUT = 0.5 A
3
0.00
6
9
12
15
0.05
0.10
0.15
0.20
0.25
0.30
V
OUT – Output Voltage – V
DROPOUT VOLTAGE
vs
OUTPUT VOLTAGE
Figure 3
V
OUT = –15 V
V
OUT = –12 V
V
OUT = –5 V
0.05
0.05
0.15
0.10
0.25
0.35
0.45
0.15
0.20
0.25
I
OUT – Load Current – A
DROPOUT VOLTAGE
vs
LOAD CURRENT
VOUT = –3.3 V
Figure 4
DROPOUT VOLTAGE
vs
TEMPERATURE
V
OUT = –3.3 V
V
OUT = –5 V
V
OUT = –15 V
V
OUT = –12 V
–50
–25
0
50
75
25
100
0.05
0.10
0
0.20
0.25
0.15
0.35
0.40
0.30
TA – Free-Air Temperature – _C


Similar Part No. - UCC384DP-ADJG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC384DP-ADJ TI1-UCC384DP-ADJ Datasheet
2Mb / 35P
[Old version datasheet]   Multi-Cal-System Evaluation Module
More results

Similar Description - UCC384DP-ADJG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC284-EP TI-UCC284-EP_15 Datasheet
622Kb / 21P
[Old version datasheet]   LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
UCC284-EP TI-UCC284-EP Datasheet
461Kb / 20P
[Old version datasheet]   LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
UCC284- TI-UCC284- Datasheet
182Kb / 10P
[Old version datasheet]   Low Dropout 0.5A Negative Linear Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Maxim Integrated Produc...
MAX1735 MAXIM-MAX1735 Datasheet
348Kb / 10P
   200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23
19-1783; Rev 0; 7/00
logo
Linear Technology
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com