Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSE128K16-35H1IA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WSE128K16-35H1IA
Description  128KX16 SRAM/EEPROM MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WSE128K16-35H1IA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WSE128K16-35H1IA Datasheet HTML 1Page - List of Unclassifed Manufacturers WSE128K16-35H1IA Datasheet HTML 2Page - List of Unclassifed Manufacturers WSE128K16-35H1IA Datasheet HTML 3Page - List of Unclassifed Manufacturers WSE128K16-35H1IA Datasheet HTML 4Page - List of Unclassifed Manufacturers WSE128K16-35H1IA Datasheet HTML 5Page - List of Unclassifed Manufacturers WSE128K16-35H1IA Datasheet HTML 6Page - List of Unclassifed Manufacturers WSE128K16-35H1IA Datasheet HTML 7Page - List of Unclassifed Manufacturers WSE128K16-35H1IA Datasheet HTML 8Page - List of Unclassifed Manufacturers WSE128K16-35H1IA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
WSE128K16-XXX
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
EEPROM TRUTH TABLE
RECOMMENDED OPERATING CONDITIONS
CS
OE
WE
Mode
Data I/O
H
X
X
Standby
High Z
L
L
H
Read
Data Out
L
H
L
Write
Data In
X
H
X
Out Disable
High Z/Data Out
X
X
H
Write
X
L
X
Inhibit
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.0
VCC + 0.3
V
Input Low Voltage
VIL
-0.3
+0.8
V
Operating Temp. (Mil.)
TA
-55
+125
°C
DC CHARACTERISTICS
(VCC = 5.0V, VSS = 0V, TA = -55
°C to +125°C)
Parameter
Symbol
Conditions
Min
Max
Unit
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
µA
Output Leakage Current
ILO
SCS = VIH, OE = VIH, VOUT = GND to VCC
10
µA
SRAM Operating Supply Current x 16 Mode
ICCx16
SCS = VIL, OE = ECS = VIH, f = 5MHz, VCC = 5.5
360
mA
Standby Current
ISB
ECS = SCS = VIH, OE = VIH, f = 5MHz, VCC = 5.5
31.2
mA
SRAM Output Low Voltage
(35 to 45ns)
VOL
IOL = 8.0mA, VCC = 4.5
0.4
V
(70ns)
VOL
IOL = 2.1mA, VCC = 4.5
0.4
V
SRAM Output High Voltage
(35 to 45ns)
VOH
IOH = -4.0mA, VCC = 4.5
2.4
V
(70ns)
VOH
IOH = -1mA, VCC = 4.5
2.4
V
EEPROM Operating Supply Current x 16 Mode
ICC1
ECS = VIL, OE = SCS = VIH
155
mA
EEPROM Output Low Voltage
VOL
IOL = 2.1 mA, VCC = 4.5V
0.45
V
EEPROM Output High Voltage
VOH1
IOH = 400
µA, VCC = 4.5V
2.4
V
NOTES:
1. The ICC current listed includes both the DC operating current and the frequency dependent component (@ 5 MHz).
The frequency component typically is less than 2 mA/MHz, with OE at VIH.
2. DC test conditions: VIL = 0.3V, VIH = VCC - 0.3V
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
Vcc+0.5
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
7.0
V
CAPACITANCE
(TA = +25
°C)
Parameter
Symbol
Conditions
Max
Unit
OE capacitance
COE
VIN = 0 V, f = 1.0 MHz
50
pF
WE1-4 capacitance
CWE
VIN = 0 V, f = 1.0 MHz
pF
HIP (PGA)
20
CQFP G2T
20
CS1-4 capacitance
CCS
VIN = 0 V, f = 1.0 MHz
20
pF
Data I/O capacitance
CI/O
VI/O = 0 V, f = 1.0 MHz
20
pF
Address input capacitance
CAD
VIN = 0 V, f = 1.0 MHz
50
pF
This parameter is guaranteed by design but not tested.
SRAM TRUTH TABLE
SCS
OE
SWE
Mode
Data I/O
Power
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
H
H
Read
High Z
Active
L
X
L
Write
Data In
Active


Similar Part No. - WSE128K16-35H1IA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSE128K16-35H1IA WEDC-WSE128K16-35H1IA Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
More results

Similar Description - WSE128K16-35H1IA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSE128K16-XXX WEDC-WSE128K16-XXX Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Aeroflex Circuit Techno...
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
Austin Semiconductor
AS8E512K8 AUSTIN-AS8E512K8_05 Datasheet
150Kb / 13P
   512K x 8 EEPROM EEPROM Module
AS8E512K8 AUSTIN-AS8E512K8 Datasheet
157Kb / 13P
   512K x 8 EEPROM EEPROM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com