Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74ALVC04PY Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74ALVC04PY
Description  3.3V CMOS HEX INVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74ALVC04PY Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74ALVC04PY Datasheet HTML 1Page - Integrated Device Technology IDT74ALVC04PY Datasheet HTML 2Page - Integrated Device Technology IDT74ALVC04PY Datasheet HTML 3Page - Integrated Device Technology IDT74ALVC04PY Datasheet HTML 4Page - Integrated Device Technology IDT74ALVC04PY Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74ALVC04
3.3VCMOSHEXINVERTER
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +4.6
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–50 to +50
mA
IIK
Continuous Clamp Current,
±50
mA
VI < 0 or VI > VCC
IOK
Continuous Clamp Current, VO < 0
–50
mA
ICC
Continuous Current through each
±100
mA
ISS
VCC or GND
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC.
NOTE:
1. As applicable to the device type.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
5
7
pF
COUT
Output Capacitance
VOUT = 0V
7
9
pF
CI/O
I/O Port Capacitance
VIN = 0V
7
9
pF
CAPACITANCE (TA= +25°C, F = 1.0MHz)
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VIH
Input HIGH Voltage Level
VCC = 2.3V to 2.7V
1.7
V
VCC = 2.7V to 3.6V
2
VIL
Input LOW Voltage Level
VCC = 2.3V to 2.7V
0.7
V
VCC = 2.7V to 3.6V
0.8
IIH
Input HIGH Current
VCC = 3.6V
VI = VCC
——
±5µA
IIL
Input LOW Current
VCC = 3.6V
VI = GND
±5µA
IOZH
High Impedance Output Current
VCC = 3.6V
VO = VCC
——
±10
µA
IOZL
(3-State Output pins)
VO = GND
±10
VIK
Clamp Diode Voltage
VCC = 2.3V, IIN = –18mA
–0.7
–1.2
V
VH
Input Hysteresis
VCC = 3.3V
100
mV
ICCL
Quiescent Power Supply Current
VCC = 3.6V
0.1
10
µA
ICCH
VIN = GND or VCC
ICCZ
∆ICC
Quiescent Power Supply Current
One input at VCC - 0.6V, other inputs at VCC or GND
750
µA
Variation
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Operating Condition: TA = –40°C to +85°C
NOTE:
1. Typical values are at VCC = 3.3V, +25°C ambient.


Similar Part No. - IDT74ALVC04PY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVC08 IDT-IDT74ALVC08 Datasheet
55Kb / 5P
   3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-AND GATE
IDT74ALVC08DC IDT-IDT74ALVC08DC Datasheet
55Kb / 5P
   3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-AND GATE
IDT74ALVC08PG IDT-IDT74ALVC08PG Datasheet
55Kb / 5P
   3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-AND GATE
IDT74ALVC08PY IDT-IDT74ALVC08PY Datasheet
55Kb / 5P
   3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-AND GATE
More results

Similar Description - IDT74ALVC04PY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT04 PHILIPS-74LVT04 Datasheet
99Kb / 10P
   3.3V Hex inverter
1996 Aug 28
logo
Texas Instruments
CD4069UB TI1-CD4069UB_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Hex Inverter
CD4069UBF TI-CD4069UBF Datasheet
940Kb / 16P
[Old version datasheet]   CMOS Hex Inverter
logo
Renesas Technology Corp
CD4069UBMS RENESAS-CD4069UBMS Datasheet
411Kb / 8P
   CMOS Hex Inverter
December 1992
logo
Intersil Corporation
CD4069UBMS INTERSIL-CD4069UBMS Datasheet
94Kb / 8P
   CMOS Hex Inverter
December 1992
logo
NXP Semiconductors
74LVT14 PHILIPS-74LVT14 Datasheet
102Kb / 10P
   3.3V Hex inverter Schmitt trigger
1996 Aug 28
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
Intersil Corporation
CD4502BMS INTERSIL-CD4502BMS Datasheet
81Kb / 8P
   CMOS Strobed Hex Inverter/Buffer
December 1992
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com