Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V2579YS75PF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT71V2579YS75PF
Description  128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2579YS75PF Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT71V2579YS75PF Datasheet HTML 1Page - Integrated Device Technology IDT71V2579YS75PF Datasheet HTML 2Page - Integrated Device Technology IDT71V2579YS75PF Datasheet HTML 3Page - Integrated Device Technology IDT71V2579YS75PF Datasheet HTML 4Page - Integrated Device Technology IDT71V2579YS75PF Datasheet HTML 5Page - Integrated Device Technology IDT71V2579YS75PF Datasheet HTML 6Page - Integrated Device Technology IDT71V2579YS75PF Datasheet HTML 7Page - Integrated Device Technology IDT71V2579YS75PF Datasheet HTML 8Page - Integrated Device Technology IDT71V2579YS75PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
JUNE 2003
DSC-4877/08
1
© 2003 ntegrated Device Technology, Inc.
Features
x
128K x 36, 256K x 18 memory configurations
x
x
x
x
x
Supports fast access times:
Commercial:
– 7.5ns up to 117MHz clock frequency
Commercial and Industrial:
– 8.0ns up to 100MHz clock frequency
– 8.5ns up to 87MHz clock frequency
x
LBO input selects interleaved or linear burst mode
x
x
x
x
x
Self-timed write cycle with global write control (
GW),bytewrite
enable (
BWE), and byte writes (BWx)
x
x
x
x
x
3.3V core power supply
x
x
x
x
x
Power down controlled by ZZ input
x
x
x
x
x
2.5V I/O
x
x
x
x
x
Optional - Boundary Scan JTAG Interface (IEEE 1149.1
compliant)
x
x
x
x
x
Packaged in a JEDEC Standard 100-pin plastic thin quad
flatpack (TQFP), 119 ball grid array (BGA) and 165 fine pitch ball
grid array (fBGA)
Pin Description Summary
NOTE:
1.
BW3 and BW4 are not applicable for the IDT71V2579.
Description
The IDT71V2577/79 are high-speed SRAMs organized as
128K x 36/256K x 18. The IDT71V2577/79 SRAMs contain write, data,
address and control registers. There are no registers in the data output
path (flow-through architecture). Internal logic allows the SRAM to
generate a self-timed write based upon a decision which can be left until
the end of the write cycle.
The burst mode feature offers the highest level of performance to the
system designer, as the IDT71V2577/79 can provide four cycles of data
for a single address presented to the SRAM. An internal burst address
counter accepts the first cycle address from the processor, initiating the
access sequence. The first cycle of output data will flow-through from the
array after a clock-to-data access time delay from the rising clock edge of
the same cycle. If burst mode operation is selected (
ADV=LOW), the
subsequent three cycles of output data will be available to the user on the
next three rising clock edges. The order of these three addresses are
defined by the internal burst counter and the
LBO input pin.
The IDT71V2577/79 SRAMs utilize IDT’s latest high-performance
CMOS process and are packaged in a JEDEC standard 14mm x 20mm
100-pin thin plastic quad flatpack (TQFP) as well as a 119 ball grid array
(BGA) and a 165 fine pitch ball grid array (fBGA).
A0-A17
Address Inputs
Input
Synchronous
CE
Chip Enable
Input
Synchronous
CS0,
CS1
Chip Selects
Input
Synchronous
OE
Output Enable
Input
Asynchronous
GW
Global Write Enable
Input
Synchronous
BWE
Byte Write Enable
Input
Synchronous
BW1, BW2, BW3, BW4(1)
Individual Byte Write Selects
Input
Synchronous
CLK
Clock
Input
N/A
ADV
Burst Address Advance
Input
Synchronous
ADSC
Address Status (Cache Controller)
Input
Synchronous
ADSP
Address Status (Processor)
Input
Synchronous
LBO
Linear / Interleaved Burst Order
Input
DC
TMS
Test Mode Select
Input
Synchronous
TDI
Test Data Input
Input
Synchronous
TCK
Test Clock
Input
N/A
TDO
Test Data Output
Output
Synchronous
TRST
JTAG Reset (Optional)
Input
Asynchronous
ZZ
Sleep Mode
Input
Asynchronous
I/O0-I/O31, I/OP1-I/OP4
Data Input / Output
I/O
Synchronous
VDD, VDDQ
Core Power, I/O Power
Supply
N/A
VSS
Ground
Supply
N/A
4877 tbl 01
128K x 36, 256K x 18
3.3V Synchronous SRAMs
2.5V I/O, Flow-Through Outputs
Burst Counter, Single Cycle Deselect
IDT71V2577S
IDT71V2579S
IDT71V2577SA
IDT71V2579SA


Similar Part No. - IDT71V2579YS75PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2579 IDT-IDT71V2579 Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V2579S75BG IDT-IDT71V2579S75BG Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V2579S75BGI IDT-IDT71V2579S75BGI Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V2579S75BQ IDT-IDT71V2579S75BQ Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V2579S75BQI IDT-IDT71V2579S75BQI Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
More results

Similar Description - IDT71V2579YS75PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2577 IDT-IDT71V2577 Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V3577S IDT-IDT71V3577S Datasheet
521Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V67702 IDT-IDT71V67702 Datasheet
514Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
71V25761S RENESAS-71V25761S Datasheet
278Kb / 18P
   128K X 36 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
Jul.27. 20
logo
Integrated Device Techn...
IDT71V25761 IDT-IDT71V25761 Datasheet
513Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
logo
Integrated Device Techn...
IDT71V67703 IDT-IDT71V67703 Datasheet
975Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
IDT71V67703 IDT-IDT71V67703_14 Datasheet
248Kb / 20P
   3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
logo
Renesas Technology Corp
71V67703 RENESAS-71V67703 Datasheet
301Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
Aug.11.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com