Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1995-1CSG Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1995-1CSG
Description  MINIATURE LED DRIVER LX1995 EVUALATION KIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1995-1CSG Datasheet(HTML) 8 Page - Microsemi Corporation

  LX1995-1CSG Datasheet HTML 1Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 2Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 3Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 4Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 5Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 6Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 7Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LX1995
EVALUATION GUIDE
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 2004
Rev. 1.0, 2004-08-13
BILL OF MATERIALS
MISC ELLANEOU S COMPONEN T S
Line
Item
Part Description
Manufacturer & Part #
Case
Reference
Designators
Qty
1
Miniature LED Driver
MICROSEMI
LX1995-xCyy
U1
1
2
LED, White
MICROSEMI
UPWLED
0603
LED#
4
3
Diode, Schottky, 20V, 1A
MICROSEMI
UPS5817
Powermite
D1
1
4
Inductor, 10µH
COILCRAFT
LPO3310-103MX
L1
1
5
Jumper
1
6
3-Pin Header, .100
1
7
Lead Attachment HW
9
x – denotes switch current
yy – denotes Package Type
CAPACITORS
Line
Item
Part Description
Part Description
Case
Reference
Designators
Qty
1
Capacitor, 10µF, 6.3V, X5R
MURATA
GRM319R60J106ME01D
1206
C1
1
2
Capacitor, 1.0µF, 50V, X7R
MURATA
C3216X7R1H105K
1206
C2
1
3
Capacitor, 0.1µF, 50V, X7R
MURATA
GRM21BR71H104KA01L
0805
C3
1
RES I ST ORS
Line
Item
Part Description
Part Description
Case
Reference
Designators
Qty
1
Resistor, 100K
PANASONIC
ERJ-3EKF1003V
0603
R1, R8
2
2
Resistor, 11.3K
PANASONIC
ERJ-3EKF1132V
0603
R2
1
3
Resistor, 90.9K
PANASONIC
ERJ-3EKF9092V
0603
R3
1
4
Resistor, 15
PANASONIC
ERJ-6ENF15R0V
0805
R4
1
5
Resistor, 9.09K
PANASONIC
ERJ-3EKF9091V
0603
R5
1


Similar Part No. - LX1995-1CSG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1995-1CSG MICROSEMI-LX1995-1CSG Datasheet
152Kb / 9P
   Miniature LED Driver
LX1995-1CSG-TR MICROSEMI-LX1995-1CSG-TR Datasheet
152Kb / 9P
   Miniature LED Driver
More results

Similar Description - LX1995-1CSG

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LX1995 ZHAOXINGWEI-LX1995 Datasheet
326Kb / 8P
   MINIATURE LED DRIVER LX1995 EVUALATION KIT
logo
Microsemi Corporation
LX1995 MICROSEMI-LX1995_05 Datasheet
152Kb / 9P
   Miniature LED Driver
logo
Applied Concepts Inc.
ACK-1908 ACIPOWER-ACK-1908 Datasheet
84Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2034 ACIPOWER-ACK-2034 Datasheet
169Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2078 ACIPOWER-ACK-2078 Datasheet
169Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2270 ACIPOWER-ACK-2270 Datasheet
191Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1915 ACIPOWER-ACK-1915 Datasheet
90Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2132 ACIPOWER-ACK-2132 Datasheet
168Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1951 ACIPOWER-ACK-1951 Datasheet
89Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2182 ACIPOWER-ACK-2182 Datasheet
193Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com