Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT8R1002 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PT8R1002
Description  CMOS Zero-IF Radio Transceiver IC for Bluetooth
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PT8R1002 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PT8R1002 Datasheet HTML 1Page - List of Unclassifed Manufacturers PT8R1002 Datasheet HTML 2Page - List of Unclassifed Manufacturers PT8R1002 Datasheet HTML 3Page - List of Unclassifed Manufacturers PT8R1002 Datasheet HTML 4Page - List of Unclassifed Manufacturers PT8R1002 Datasheet HTML 5Page - List of Unclassifed Manufacturers PT8R1002 Datasheet HTML 6Page - List of Unclassifed Manufacturers PT8R1002 Datasheet HTML 7Page - List of Unclassifed Manufacturers PT8R1002 Datasheet HTML 8Page - List of Unclassifed Manufacturers PT8R1002 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Preliminary Data Sheet
PT8R1002 CMOS Zero-IF
Radio Transceiver IC for Bluetooth
PT0124(12/04)
Ver:2
1
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Features
Class 2 and 3 (up to 10 meter range) compliant
with Bluetooth Specification 1.1
Fully integrated single-chip transceiver with on-
chip PLL, VCO, LNA, up/down converter, and
digital GFSK modem
Seamless interface to BlueRF RXMODE2 with
unidirectional / JTAG serial interface or
bidirectional / DBUS serial interface
Up to -90dBm receiver sensitivity
Superior adjacent channel selectivity of -6 at 1MHz
offset
Support dual reference clock frequency: 13/16MHz
Bluetooth BQB QPL qualified - ID = B00992
Application
ISM 2.4GHz wireless systems
Mobile phones and Handset
Block Diagram
General Descriptions
The PT8R1002 is a part of the PTI Bluetooth product
family. It is a short-range microwave-frequency radio
transceiver for Bluetooth links that operates in the
2.4 GHz to 2.5 GHz ISM band. The device consists
of a fully integrated 2.4 GHz radio transceiver with
GFSK modem. This radio IC is based on PTI’s
proprietary radio architecture employing direct
conversion scheme, which offers superior channel
selectivity, and is implemented in CMOS technology,
which provides low cost integrated RF and baseband
solutions for Bluetooth applications.
The PT8R1002 incorporates the complete receive and
transmit components including PLL, VCO, LNA, up/
down converter, channel select filters, and digital
GFSK modem.
TDO
TDI
TMS
TCL
RXACTIVE
TXACTIVE
MDSEL
RXDATA
DATACLK
XTALOUT
RESET
SYNCDETECT
TXDATA_EN
LNA
v
PA
RF_IN
PFD
Loop
Filter
Prescaler
Reference
divier
LO
generation
VGA
VGA
RF_OUT
RF
control
TXDATA
RF power
measure
AD
AD
XTALIN
v
DA
DA
Automatic Filter
Calibration
Gain
Control
Frequency Synthesizer
Fast DC
Cancellation
DA
PA_CNT
VGA
VGA


Similar Part No. - PT8R1002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT8R1202 ETC-PT8R1202 Datasheet
656Kb / 26P
   Bluetooth Digital Audio Streaming IC
More results

Similar Description - PT8R1002

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PBA31305 INFINEON-PBA31305 Datasheet
25Kb / 2P
   Bluetooth Radio Transceiver?
PBA31302 INFINEON-PBA31302 Datasheet
27Kb / 2P
   Bluetooth Radio Transceiver
2002
logo
STMicroelectronics
STLC2150 STMICROELECTRONICS-STLC2150 Datasheet
191Kb / 10P
   BLUETOOTH RADIO TRANSCEIVER
logo
Texas Instruments
LMX5251 TI1-LMX5251 Datasheet
1Mb / 40P
[Old version datasheet]   LMX5251 Bluetooth??CMOS Radio
LMX5251 TI-LMX5251_15 Datasheet
1Mb / 40P
[Old version datasheet]   LMX5251 Bluetooth??CMOS Radio
logo
Micro Linear Corporatio...
ML2713 MICRO-LINEAR-ML2713 Datasheet
287Kb / 18P
   ML2713 Radio IF Transceiver
logo
OKI electronic componet...
ML7050LA OKI-ML7050LA Datasheet
133Kb / 16P
   Bluetooth RF Transceiver IC
logo
Analog Devices
ADF7241 AD-ADF7241 Datasheet
738Kb / 72P
   Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Panasonic Semiconductor
AN7293NFBQ PANASONIC-AN7293NFBQ Datasheet
54Kb / 5P
   FM-IF, NC, MPX IC for Car Radio
AN7293NSC PANASONIC-AN7293NSC Datasheet
53Kb / 5P
   FM-IF, NC, MPX IC for car radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com