Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6501 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FMS6501
Description  12 Input 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6501 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FMS6501 Datasheet HTML 4Page - Fairchild Semiconductor FMS6501 Datasheet HTML 5Page - Fairchild Semiconductor FMS6501 Datasheet HTML 6Page - Fairchild Semiconductor FMS6501 Datasheet HTML 7Page - Fairchild Semiconductor FMS6501 Datasheet HTML 8Page - Fairchild Semiconductor FMS6501 Datasheet HTML 9Page - Fairchild Semiconductor FMS6501 Datasheet HTML 10Page - Fairchild Semiconductor FMS6501 Datasheet HTML 11Page - Fairchild Semiconductor FMS6501 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
www.fairchildsemi.com
FMS6501 Rev. 1A
Figure 4: Acknowledgement on the I2C Bus
Acknowledge
The number of data bytes transferred between the start
and stop conditions from transmitter to receiver is unlim-
ited. Each byte of eight bits is followed by an acknowl-
edge bit. The acknowledge bit is a HIGH level signal put
on the bus by the transmitter during which time the mas-
ter generates an extra acknowledge related clock pulse.
A slave receiver which is addressed must generate an
acknowledge after the reception of each byte. Also a
master receiver must generate an acknowledge after the
reception of each byte that has been clocked out of the
slave transmitter.
The device that acknowledges must pull down the SDA
line during the acknowledge clock pulse, so that the SDA
line is stable LOW during the HIGH period of the acknowl-
edge related clock pulse (set-up and hold times must be
taken into consideration). A master receiver must signal
an end of data to the transmitter by not generating an
acknowledge on the last byte that has been clocked out
of the slave. In this event the transmitter must leave the
data line HIGH to enable the master to generate a stop
condition.
SCL FROM
MASTER
DATA OUTPUT
BY TRANSMITTER
DATA OUTPUT
BY RECEIVER
START
condition
12
89
clock pulse for
acknowledgement
I2C Bus Protocol
Before any data is transmitted on the I2C bus, the device which should respond is addressed first. The addressing is always
carried out with the first byte transmitted after the start procedure. The I2C bus configuration for a data write to the FMS6501 is
shown below in figure 5:
Figure 5: Write a register address to the pointer register, then write data to the selected register
A6
A5
A4
A3
A2
A1
A0
19
R/W
D7
D6
D5
D4
D3
D2
D1
D0
07
1
9
ACK. BY
FMS6501
ACK. BY
FMS6501
FRAME1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
19
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
FMS6501
FRAME 3
DATA BYTE
SCL
SDA
START BY
MASTER
STOP BY
MASTER
SCL(CONTINUED)
SDA(CONTINUED)


Similar Part No. - FMS6501

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6501 FAIRCHILD-FMS6501 Datasheet
361Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501 Datasheet
66Kb / 4P
   PCB Layout Considerations for Video Filter / Drivers
logo
ON Semiconductor
FMS6501 ONSEMI-FMS6501 Datasheet
433Kb / 16P
   12 Input / 9 Output Video Switch Matrix
April 2007 Rev. 1.0.4
FMS6501A ONSEMI-FMS6501A Datasheet
987Kb / 16P
   12x9 Video Switch Matrix with Input Clamp
January 2013 Rev. 1.0.0
logo
Fairchild Semiconductor
FMS6501MSA28 FAIRCHILD-FMS6501MSA28 Datasheet
361Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
More results

Similar Description - FMS6501

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6501 FAIRCHILD-FMS6501_06 Datasheet
361Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501_07 Datasheet
311Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
logo
Renesas Technology Corp
H838776 RENESAS-H838776 Datasheet
3Mb / 594P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
logo
Fairchild Semiconductor
FMS6502 FAIRCHILD-FMS6502 Datasheet
538Kb / 13P
   8-Input, 6-Output Video Switch Matrix with Output Drivers, Input Clamp, and Bias Circuitry
logo
ON Semiconductor
FMS6501 ONSEMI-FMS6501 Datasheet
433Kb / 16P
   12 Input / 9 Output Video Switch Matrix
April 2007 Rev. 1.0.4
FMS6501A ONSEMI-FMS6501A Datasheet
987Kb / 16P
   12x9 Video Switch Matrix with Input Clamp
January 2013 Rev. 1.0.0
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com