Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6501MSA28 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FMS6501MSA28
Description  12 Input 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6501MSA28 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FMS6501MSA28 Datasheet HTML 1Page - Fairchild Semiconductor FMS6501MSA28 Datasheet HTML 2Page - Fairchild Semiconductor FMS6501MSA28 Datasheet HTML 3Page - Fairchild Semiconductor FMS6501MSA28 Datasheet HTML 4Page - Fairchild Semiconductor FMS6501MSA28 Datasheet HTML 5Page - Fairchild Semiconductor FMS6501MSA28 Datasheet HTML 6Page - Fairchild Semiconductor FMS6501MSA28 Datasheet HTML 7Page - Fairchild Semiconductor FMS6501MSA28 Datasheet HTML 8Page - Fairchild Semiconductor FMS6501MSA28 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
www.fairchildsemi.com
FMS6501 Rev. 1A
Digital Interface
The I2C compatible interface is used to program output enables, input to output routing, input clamp / bias and output gain. The I2C
address of the FMS6501 is 0x06 (0000 0110) with the ability to offset it to 0x86 (1000 0110) by tying the ADDR pin high.
Both data and address data of eight bits each are written to the FMS6501 I2C address to access all the control functions.
There are separate internal addresses for each output. Each output’s address includes bits to select an input channel, adjust the out-
put gain, and enable or disable the output amplifier. More than one output can select the same input channel for one-to-many routing.
When the outputs are disabled they are placed in a high-impedance state. This allows multiple FMS6501 devices to be paralleled to
create a larger switch matrix. Typical output power-up times will be less than 500ns.
The clamp / bias control bits are written to their own internal address since they should always remain the same regardless of signal
routing. They are set based on the input signal connected to the FMS6501.
All undefined addresses may be written without effect.
Output Control Register Contents and Defaults
Output Control Register MAP
Clamp Control Register Contents and Defaults
Clamp Control Register Map
Notes:
1. Power Down places the output in a high impedance state so multiple FMS6501 devices may be paralleled. Power
Down also de-selects any input routed to the specified output.
2. When all inputs are OFF, the amplifier input will be tied to approximately 150mV and the output will go to
approximately 300mV with the 6dB gain setting.
3. In4 is provided for forward compatibility and should always be written as ‘0’ in the FMS6501.
Control Name
Width
Type
Default
Bit(s)
Description
Enable
1 bit
Write
0
7
Channel Enable: 1=Enable, 0=Power Down1
Gain
2 bits
Write
0
6:5
Channel Gain: 00=6dB, 01=7dB, 10=8dB, 11=9dB
In
5 bits
Write
0
4:0
Input selected to drive this output: 00000=OFF2,
00001=IN1, 00010=IN2,..., 01100=IN12
Register
Name
Address
Bit 7
Bit 6
Bit5
Bit43
Bit3
Bit2
Bit1
Bit0
OUT1
0x01
Enable
Gain1
Gain0
In4
In3
In2
In1
In0
OUT2
0x02
Enable
Gain1
Gain0
In4
In3
In2
In1
In0
OUT3
0x03
Enable
Gain1
Gain0
In4
In3
In2
In1
In0
OUT4
0x04
Enable
Gain1
Gain0
In4
In3
In2
In1
In0
OUT5
0x05
Enable
Gain1
Gain0
In4
In3
In2
In1
In0
OUT6
0x06
Enable
Gain1
Gain0
In4
In3
In2
In1
In0
OUT7
0x07
Enable
Gain1
Gain0
In4
In3
In2
In1
In0
OUT8
0x08
Enable
Gain1
Gain0
In4
In3
In2
In1
In0
OUT9
0x09
Enable
Gain1
Gain0
In4
In3
In2
In1
In0
Control Name
Width
Type
Default
Bit(s)
Description
Clmp
1 bit
Write
0
7:0
Clamp / Bias selection: 1 = Clamp, 0 = Bias
Register
Name
Address
Bit 7
Bit 6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CLAMP1
0x1D
Clmp8
Clmp7
Clmp6
Clmp5
Clmp4
Clmp3
Clmp2
Clmp1
CLAMP2
0x1E
Resv’d
Resv’d
Resv’d
Resv’d
Clmp12
Clmp11
Clmp10
Clmp9


Similar Part No. - FMS6501MSA28

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6501MSA28 FAIRCHILD-FMS6501MSA28 Datasheet
361Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501MSA28 FAIRCHILD-FMS6501MSA28 Datasheet
311Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
logo
ON Semiconductor
FMS6501MSA28 ONSEMI-FMS6501MSA28 Datasheet
433Kb / 16P
   12 Input / 9 Output Video Switch Matrix
April 2007 Rev. 1.0.4
logo
Fairchild Semiconductor
FMS6501MSA28X FAIRCHILD-FMS6501MSA28X Datasheet
361Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501MSA28X FAIRCHILD-FMS6501MSA28X Datasheet
311Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
More results

Similar Description - FMS6501MSA28

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6501 FAIRCHILD-FMS6501_06 Datasheet
361Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501_07 Datasheet
311Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
logo
Renesas Technology Corp
H838776 RENESAS-H838776 Datasheet
3Mb / 594P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
logo
Fairchild Semiconductor
FMS6502 FAIRCHILD-FMS6502 Datasheet
538Kb / 13P
   8-Input, 6-Output Video Switch Matrix with Output Drivers, Input Clamp, and Bias Circuitry
logo
ON Semiconductor
FMS6501 ONSEMI-FMS6501 Datasheet
433Kb / 16P
   12 Input / 9 Output Video Switch Matrix
April 2007 Rev. 1.0.4
FMS6501A ONSEMI-FMS6501A Datasheet
987Kb / 16P
   12x9 Video Switch Matrix with Input Clamp
January 2013 Rev. 1.0.0
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com