Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHG63110 Datasheet(PDF) 10 Page - International Rectifier

Part # IRHG63110
Description  100V, Combination 2N-2P-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHG63110 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRHG63110 Datasheet HTML 6Page - International Rectifier IRHG63110 Datasheet HTML 7Page - International Rectifier IRHG63110 Datasheet HTML 8Page - International Rectifier IRHG63110 Datasheet HTML 9Page - International Rectifier IRHG63110 Datasheet HTML 10Page - International Rectifier IRHG63110 Datasheet HTML 11Page - International Rectifier IRHG63110 Datasheet HTML 12Page - International Rectifier IRHG63110 Datasheet HTML 13Page - International Rectifier IRHG63110 Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IRHG6110
Pre-Irradiation
10
www.irf.com
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
P-Channel
Q2,Q4
0.01
0.1
1
10
100
0.1
1
10
100

20µs PULSE WIDTH
T = 25 C
J
°

TOP
BOTTOM
VGS
-15V
-12V
-10V
-9.0V
-8.0V
-7.0V
-6.0V
-5.0V
-V
, Drain-to-Source Voltage (V)
DS
-5.0V
0.01
0.1
1
10
100
0.1
1
10
100

20µs PULSE WIDTH
T = 150 C
J
°

TOP
BOTTOM
VGS
-15V
-12V
-10V
-9.0V
-8.0V
-7.0V
-6.0V
-5.0V
-V
, Drain-to-Source Voltage (V)
DS
-5.0V
1
10
100
5
7
9
11
13
15

V
= -50V
20µs PULSE WIDTH
DS
-V
, Gate-to-Source Voltage (V)
GS

T = 25 C
J
°

T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature( C)
J
°


V
=
I =
GS
D
-12V
-0.75A


Similar Part No. - IRHG63110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHG6110 IRF-IRHG6110 Datasheet
194Kb / 14P
   Simple Drive Requirements
IRHG6110 IRF-IRHG6110_15 Datasheet
194Kb / 14P
   Simple Drive Requirements
More results

Similar Description - IRHG63110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFG5210 IRF-IRFG5210 Datasheet
191Kb / 12P
   200V, Combination 2N-2P-CHANNEL HEXFET MOSFET TECHNOLOGY
IRHNJ7130 IRF-IRHNJ7130 Datasheet
109Kb / 8P
   100V, N-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY
IRFG5110 IRF-IRFG5110 Datasheet
394Kb / 12P
   100V, Combination 2N-2P-CHANNEL
IRHG567110 IRF-IRHG567110 Datasheet
182Kb / 14P
   RADIATION HARDENED POWER MOSFET THRU-HOLE 100V, Combination 2N-2P-CHANNEL
IRHQ567110 IRF-IRHQ567110 Datasheet
199Kb / 14P
   RADIATION HARDENED 100V, COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT (LCC-28)
logo
Intersil Corporation
JANSR2N7411 INTERSIL-JANSR2N7411 Datasheet
45Kb / 8P
   2.5A, -100V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFET
JANSR2N7410 INTERSIL-JANSR2N7410 Datasheet
45Kb / 8P
   3.5A, 100V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7272 INTERSIL-JANSR2N7272 Datasheet
39Kb / 7P
   8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7399 INTERSIL-JANSR2N7399 Datasheet
44Kb / 8P
   11A, 100V, 0.210 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7405 INTERSIL-JANSR2N7405 Datasheet
44Kb / 8P
   25A, 100V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com