Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM-A82B-FREQ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SM-A82B-FREQ
Description  ECL-100K ECL Supplement
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SM-A82B-FREQ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM-A82B-FREQ Datasheet HTML 1Page - List of Unclassifed Manufacturers SM-A82B-FREQ Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
HS-820/830 Series
Continued
ECL
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
-----
-----
15.0MHz
-----
250.0MHz
Duty Cycle
-----
@ V
CC-1.29V
45/55%
-----
55/45%
Logic 0
(2)
V
OL
-----
V
CC-1.95V
-----
V
CC-1.60V
Logic 1
(2)
V
OH
-----
V
CC-1.02V
-----
V
CC-0.74V
Rise & Fall Time
tr,tf
20-80%V
O with 50 ohm load to VCC-2V -----
1.0 ns
1.5 ns
Jitter, RMS
(3)
-----
-----
-----
-----
5 psec
Frequency Stability
(1)
dF/F
Overall conditions including:
-100ppm
-----
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
V
EE
-----
-4.8V
-4.5V
-4.2V
Supply Current
I
EE
50 ohm termination
0.0 mA
-----
80 mA
To 2.00V below V
CC
Output current
I
O
Low level Output Current 0.0 mA
-----
±50.0 mA
Operating temperature
T
A
------
0°C
-----
70°C
Storage temperature
T
S
-----
-55°C
-----
125°C
Power Dissipation
P
D
-----
-----
-----
384 mW
Lead temperature
T
L
Soldering, 10 sec.
-----
-----
300°C
Load
50 Ohm to V
CC-2V or Thevenin Equivalent, Bias Required
Start-up time
t
S
-----
-----
2 ms
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-833, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz
Soldering Condition
300°C for 10 seconds
Hermetic Seal
Leak rate less than 1 x 10
-8 atm.cc/sec of helium
ESD Sensitivity
Human Body Model per ON Semiconductor 10kH series ECL: 500V min.
Footnotes:
1) Standard frequency stability (±20,±25,±50ppm & others available)
2) V
OL, VOH, referenced to ground (VCC) with VEE = -4.5V
3) Jitter performance is frequency dependent. Please contact factory for full characterization.
Rev. L
CRYSTAL CLOCK OSCILLATORS
HS - A82X - FREQ
Package Code
Tolerance/Performance
HS
Leaded 4 pin (14 pin)
0 ±100ppm 0-70°C
SM Leaded 4 pin (14 pin) SMD
1 ±50ppm 0-70°C
Gull Wing
7 ±25ppm 0-70°C
Input Voltage
9 Customer Specific
Code
Specification
A ±20ppm 0-70°C
A
3.3V
B ±50ppm -40 to +85°C
5V
C ±100ppm -40 to +85°C
Creating a Part Number
Data Sheet 9205B


Similar Part No. - SM-A82B-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SM-A800 NEL-SM-A800 Datasheet
260Kb / 2P
   ECL
logo
List of Unclassifed Man...
SM-A800-FREQ ETC-SM-A800-FREQ Datasheet
257Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SM-A800-FREQ NEL-SM-A800-FREQ Datasheet
260Kb / 2P
   ECL
SM-A801 NEL-SM-A801 Datasheet
260Kb / 2P
   ECL
logo
List of Unclassifed Man...
SM-A801-FREQ ETC-SM-A801-FREQ Datasheet
257Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - SM-A82B-FREQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8482A NSC-DP8482A Datasheet
131Kb / 6P
   100k ECL to TTL Level Translator with Latch
DP8483 NSC-DP8483 Datasheet
118Kb / 6P
   TTL to 100k ECL Level Translator with Latch
logo
Rhombus Industries Inc.
PPECL2P25 RHOMBUS-IND-PPECL2P25 Datasheet
29Kb / 1P
   100K ECL Logic 4-Bit Programmable Delay Modules
logo
Bel Fuse Inc.
0461-0016-01 BEL-0461-0016-01 Datasheet
57Kb / 1P
   8 TAP LEADING EDGE CONTROL 100K ECL DELAY MODULES
logo
Nel Frequency Controls,...
SJ-2810 NEL-SJ-2810 Datasheet
263Kb / 2P
   ECL
HS-800 NEL-HS-800 Datasheet
260Kb / 2P
   ECL
logo
Zarlink Semiconductor I...
SP1648 ZARLINK-SP1648 Datasheet
184Kb / 7P
   ECL OSCILLATOR
logo
Toshiba Semiconductor
TD6102P TOSHIBA-TD6102P Datasheet
608Kb / 7P
   ECL PRESCALLER
logo
ON Semiconductor
MC10H424 ONSEMI-MC10H424_06 Datasheet
134Kb / 5P
   Quad TTL to ECL Translator with ECL Strobe
August, 2006 ??Rev. 10
MC10H424 ONSEMI-MC10H424 Datasheet
102Kb / 4P
   Quad TTL-to-ECL Translator with ECL Strobe
1996 REV 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com