Selected language     English  ▼


M-201-T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. M-201-T
Description  High flow,adjustable flow switch with right-angle flow
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
2
2
2
2
2
Malema Flow Sensors • 1060 South Rogers Circle •
Boca Raton, Florida
33487 • 1-800-637-6418
561-995-0595 • Fax (561) 995-0622 • http://www.malema.com • © Copyright 1998 • Catalog # 233
M-201-T Series
Design Considerations/Construction
Design Considerations/Construction
Design Considerations/Construction
Design Considerations/Construction
Design Considerations/Construction
The M-201-T Series comprises a Body, Piston, and PTFE coated Spring. The M-201-T Series contains two moving parts (i.e. the
piston and spring) and a retaining ring that are in the fluid path. Construction of the piston is important from a design
perspective. A PTFE Encapsulated piston is used in this switch to ensure that all wetted parts are PTFE or PTFE coated.
Standar
Standar
Standar
Standar
Standard Specifications by Materials
d Specifications by Materials
d Specifications by Materials
d Specifications by Materials
d Specifications by Materials
* For custom calibiration requirements, contact factory
Reed Switch Ratings as Recognized by UL
Reed Switch Ratings as Recognized by UL
Reed Switch Ratings as Recognized by UL
Reed Switch Ratings as Recognized by UL
Reed Switch Ratings as Recognized by UL
g
n
i
s
u
o
HE
F
T
P
n
o
t
s
i
Pd
e
t
a
l
u
s
p
a
c
n
E
E
F
T
P
g
n
i
r
p
S
l
e
e
t
S
s
s
e
l
n
i
a
t
S
d
e
t
a
o
C
E
F
T
P
s
n
o
i
t
a
c
i
f
i
c
e
p
S
e
r
u
t
a
r
e
p
m
e
T
d
n
a
e
r
u
s
s
e
r
P
)
g
i
s
p
(
g
n
i
t
a
r
e
p
O
m
u
m
i
x
a
M
)
g
i
s
p
(
t
s
r
u
B
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
m
u
m
i
x
a
M
0
0
2
0
0
6
0
0
3
(
C
9
4
1
0 )
F
)
s
g
n
i
t
a
R
l
a
c
i
r
t
c
e
l
E
(
a
t
a
D
h
c
t
i
w
S
d
e
e
R
h
c
t
i
w
S
d
e
e
R
e
g
a
t
l
o
V
g
n
i
h
c
t
i
w
S
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
v
i
t
s
i
s
e
R
C
D
e
v
i
t
s
i
s
e
R
C
A
t
n
e
r
r
u
C
g
n
i
h
c
t
i
w
S
t
n
e
r
r
u
C
g
n
i
y
r
r
a
C
L
U
)
d
e
l
a
e
S
y
ll
a
c
i
t
e
m
r
e
H
(
T
D
P
S
s
t
t
a
W
3
r
o
T
S
P
S
s
t
t
a
W
0
1
8
5
2
7
4
E
e
li
F
.
d
e
z
i
n
g
o
c
e
R
)
T
D
P
S
r
o
f
C
D
V
0
7
1
(
C
D
V
0
0
2
)
T
D
P
S
r
o
f
C
D
V
0
0
2
(
C
D
V
0
5
2
)
T
D
P
S
r
o
f
s
t
t
a
W
3
(
s
t
t
a
W
0
1
)
T
D
P
S
r
o
f
A
V
3
(
A
V
0
1
)
T
D
P
S
r
o
f
A
V
5
2
.
0
(
A
5
.
0
)
T
D
P
S
r
o
f
A
5
.
0
(
A
2
.
1
s
e
r
i
W
d
a
e
L
r
o
d
e
z
i
n
g
o
c
e
R
L
U
c
i
r
e
m
y
l
o
P
,
h
t
g
n
e
L
"
8
1
.
G
W
A
8
1
o
t
4
2
.
o
N
t
i
u
s
o
t
s
r
o
t
c
e
n
n
o
c
h
t
i
w
e
l
b
a
c
n
e
d
l
e
B
r
o
l
o
C
s
e
r
i
W
d
a
e
L
y
ll
a
m
r
o
N
-
w
o
ll
e
Y
,
n
o
m
m
o
C
-
n
e
e
r
G
:
T
D
P
S
;
s
e
r
i
w
e
u
l
B
2
:
T
S
P
S
n
e
p
O
y
ll
a
m
r
o
N
-
e
g
n
a
r
O
,
d
e
s
o
l
C
*
n
o
i
t
a
r
b
il
a
C
w
o
l
F
y
c
a
r
u
c
c
A
t
n
i
o
P
t
e
S
l
a
i
t
n
e
r
e
f
f
i
D
t
n
i
o
P
t
e
S
y
t
il
i
b
a
t
a
e
p
e
R
)
e
l
b
a
li
a
v
a
s
t
i
n
u
y
c
a
r
u
c
c
a
r
e
h
g
i
H
(
m
u
m
i
x
a
m
%
0
1
)
t
s
e
u
q
e
r
n
o
s
i
s
e
r
e
t
s
y
h
r
e
w
o
l
(
%
0
3
+m
u
m
i
x
a
m
%
2
T
S
P
Sc
a
V
0
2
1
c
d
V
4
2
c
d
V
0
5
e
s
o
p
r
u
p
l
a
r
e
n
e
g
A
1
.
0
e
v
i
t
s
i
s
e
r
A
5
2
.
0
e
v
i
t
s
i
s
e
r
A
5
2
.
0
T
D
P
Sc
a
V
0
2
1
c
d
V
0
1
c
d
V
4
2
e
s
o
p
r
u
p
l
a
r
e
n
e
g
A
1
.
0
e
v
i
t
s
i
s
e
r
A
5
2
.
0
e
v
i
t
s
i
s
e
r
A
1
.
0




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MIC2224High Efficiency 2MHz PWM Buck Converter with DAC Input and 40mOHM Bypass Switch 1 2 3 4 5 MoreMicrel Semiconductor
PI3C31252.5V/3.3V High Bandwidth Hot Insertion 4-Bit 2-Port Bus Switch with Individual Enables 1 2 3 4 5 Pericom Semiconductor Corporation
ZL5007332 K Channel Digital Switch with High Jitter Tolerance Rate Conversion per Group of 4 Streams 8 16 32 or 64 Mbps 1 2 3 4 5 MoreZarlink Semiconductor Inc
CXG1090ENHigh Power 2 ´ 4 Antenna Switch MMIC with Integrated Control Logic 1 2 3 4 5 MoreSony Corporation
TPS2140ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT 1 2 3 4 5 MoreTexas Instruments
BA00CC0WFP1A Low Dropout Voltage Regulator with Shut Down Switch Adjustable Voltage 1 2 3 4 5 MoreRohm
AS196-307GaAs IC High Isolation SPDT Non-Reflective Switch with Driver DC-6.0 GHz 1 2 Alpha Industries
HV2701Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors 1 2 3 4 5 MoreSupertex, Inc
LMH6732High Speed Op Amp with Adjustable Bandwidth 1 2 3 4 5 MoreNational Semiconductor (TI)
ZXLD1601ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70 1 2 3 4 5 MoreZetex Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl