Selected language     English  ā–¼


M-201-T Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. M-201-T
Description  High flow,adjustable flow switch with right-angle flow
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 3 page
background image
malema flow sensors
malema flow sensors
malema flow sensors
malema flow sensors
malema flow sensors
3
3
3
3
3
Adjustable Flow Switches
3/8ā€ Flareā€™s: Cv = 3.0
1/2ā€ Flareā€™s: Cv = 3.5
Installation & Maintenance
Installation & Maintenance
Installation & Maintenance
Installation & Maintenance
Installation & Maintenance
This product can be mounted in any orientation. Adequate filtration and sealing procedures should be used when
mounting in flow lines. For detailed directions, please refer to our ā€œInstallation and Maintenanceā€ sheet.
Certifications
Certifications
Certifications
Certifications
Certifications
ā€¢ Meet the intent of Directive 89/336/EEC for Electromagnetic Compatibility and Low Voltage Directive 73/23/EEC
for Product Safety. Compliance was demonstrated to the following specifications as listed in the Official Journal
of the European Communities: EMC Directive 89/336/EEC: EN 55011, Class B Radiated Emissions, EN 50082-1
(Immunity): IEC 801-2, Electrostatic Discharge Immunity, IEC 801-3, RF Electromagnetic Field Immunity; Low Voltage
Directive 73/23/EEC: EN 61010-1, Safety Requirements for electrical equipment for measurement, control, and
laboratory use.
Cv
Cv
Cv
Cv
Cv
Dimensional and Cut-Away Drawings
Dimensional and Cut-Away Drawings
Dimensional and Cut-Away Drawings
Dimensional and Cut-Away Drawings
Dimensional and Cut-Away Drawings
Illustrated is the M-201-T Model with 3/8ā€ Flareā€™s.




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MIC2224High Efficiency 2MHz PWM Buck Converter with DAC Input and 40mOHM Bypass Switch 1 2 3 4 5 MoreMicrel Semiconductor
PI3C31252.5V/3.3V High Bandwidth Hot Insertion 4-Bit 2-Port Bus Switch with Individual Enables 1 2 3 4 5 Pericom Semiconductor Corporation
ZL5007332 K Channel Digital Switch with High Jitter Tolerance Rate Conversion per Group of 4 Streams 8 16 32 or 64 Mbps 1 2 3 4 5 MoreZarlink Semiconductor Inc
CXG1090ENHigh Power 2 Ā“ 4 Antenna Switch MMIC with Integrated Control Logic 1 2 3 4 5 MoreSony Corporation
TPS2140ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT 1 2 3 4 5 MoreTexas Instruments
BA00CC0WFP1A Low Dropout Voltage Regulator with Shut Down Switch Adjustable Voltage 1 2 3 4 5 MoreRohm
AS196-307GaAs IC High Isolation SPDT Non-Reflective Switch with Driver DC-6.0 GHz 1 2 Alpha Industries
HV2701Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors 1 2 3 4 5 MoreSupertex, Inc
LMH6732High Speed Op Amp with Adjustable Bandwidth 1 2 3 4 5 MoreNational Semiconductor (TI)
ZXLD1601ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70 1 2 3 4 5 MoreZetex Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl