Selected language     English  ▼


M-201-T31 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. M-201-T31
Description  High flow,adjustable flow switch with right-angle flow
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
Tope Co., Ltd.
Tel: (02) 8228-0658 Fax: (02) 8228-0659 http://www.sensor.com.tw
1
1
1
1
1
Adjustable Flow Switches
High flow
High flow
High flow
High flow
High flow,,,,,
adjustable flow switch
adjustable flow switch
adjustable flow switch
adjustable flow switch
adjustable flow switch
with right-angle flow
with right-angle flow
with right-angle flow
with right-angle flow
with right-angle flow
Operation
Operation
Operation
Operation
Operation
The flow switch is activated by flow forcing a piston kept in
place by a spring to travel past a reed switch. This provides a
positive signal after a certain amount of travel.
Set point
adjustment is controlled by adjusting the positioning of the reed
switch.
Custom V
Custom V
Custom V
Custom V
Custom Versions A
ersions A
ersions A
ersions A
ersions Available
vailable
vailable
vailable
vailable
Malema welcomes the opportunity to apply its flow sensor
experience to work for its customers. Please contact the factory
for any special requirements; such as ports, extreme temperature
and pressure capabilities, etc.
3/8” Flar
3/8” Flar
3/8” Flar
3/8” Flar
3/8” Flare’
e’
e’
e’
e’sssss: Water:
0.03 - 3 gpm
Air:
1 - 30 scfm
1/2” Flar
1/2” Flar
1/2” Flar
1/2” Flar
1/2” Flare’
e’
e’
e’
e’sssss: Water:
0.1 - 5 gpm
Air:
1 - 50 scfm
* Maximum flows through switch are higher.
3/8” Flare
1/2” Flare
M-201-T Series
M-201-T Series
M-201-T Series
M-201-T Series
M-201-T Series
Featur
Featur
Featur
Featur
Features
es
es
es
es
• Field adjustable -- infinite flow range
• High repeatability
• Extremely sensitive
• Minimum pressure drop
• Position insensitive
Applications
Applications
Applications
Applications
Applications
• Cleaning Tools in the semiconductor industry
• Cooling systems
• Water treatment systems
• Process flows
Set Point Accuracy:
±10% maximum
Repeatability:
±2%
Hysteresis:
30%
(lower hysteresis on request)
*
• PTFE
Calibration Range *
Calibration Range *
Calibration Range *
Calibration Range *
Calibration Range *
Specifications
Specifications
Specifications
Specifications
Specifications
Material V
Material V
Material V
Material V
Material Versions
ersions
ersions
ersions
ersions
Port Sizes
Port Sizes
Port Sizes
Port Sizes
Port Sizes
For higher flow settings, contact factory.
The M-201-T Series flow switches are engineered and field tested
for sensing increasing and decreasing flow rates of gases or
liquids. Pressure variation effects are minimal. This series features
such versatility, economy, and accuracy that they can be used in
virtually any application requiring fool-proof inexpensive flow
detection.




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MIC2224High Efficiency 2MHz PWM Buck Converter with DAC Input and 40mOHM Bypass Switch 1 2 3 4 5 MoreMicrel Semiconductor
PI3C31252.5V/3.3V High Bandwidth Hot Insertion 4-Bit 2-Port Bus Switch with Individual Enables 1 2 3 4 5 Pericom Semiconductor Corporation
ZL5007332 K Channel Digital Switch with High Jitter Tolerance Rate Conversion per Group of 4 Streams 8 16 32 or 64 Mbps 1 2 3 4 5 MoreZarlink Semiconductor Inc
CXG1090ENHigh Power 2 ´ 4 Antenna Switch MMIC with Integrated Control Logic 1 2 3 4 5 MoreSony Corporation
TPS2140ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT 1 2 3 4 5 MoreTexas Instruments
BA00CC0WFP1A Low Dropout Voltage Regulator with Shut Down Switch Adjustable Voltage 1 2 3 4 5 MoreRohm
AS196-307GaAs IC High Isolation SPDT Non-Reflective Switch with Driver DC-6.0 GHz 1 2 Alpha Industries
HV2701Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors 1 2 3 4 5 MoreSupertex, Inc
LMH6732High Speed Op Amp with Adjustable Bandwidth 1 2 3 4 5 MoreNational Semiconductor (TI)
ZXLD1601ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70 1 2 3 4 5 MoreZetex Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl