Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6173 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6173
Description  High-Precision Voltage References with Temperature Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6173 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6173 Datasheet HTML 1Page - Maxim Integrated Products MAX6173 Datasheet HTML 2Page - Maxim Integrated Products MAX6173 Datasheet HTML 3Page - Maxim Integrated Products MAX6173 Datasheet HTML 4Page - Maxim Integrated Products MAX6173 Datasheet HTML 5Page - Maxim Integrated Products MAX6173 Datasheet HTML 6Page - Maxim Integrated Products MAX6173 Datasheet HTML 7Page - Maxim Integrated Products MAX6173 Datasheet HTML 8Page - Maxim Integrated Products MAX6173 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX6173–MAX6177 are low-noise, high-precision
voltage references. The devices feature a proprietary
temperature-coefficient curvature-correction circuit and
laser-trimmed thin-film resistors that result in a very low
3ppm/
°C temperature coefficient and excellent ±0.06%
initial accuracy. The MAX6173–MAX6177 provide a
TEMP output where the output voltage is proportional to
the die temperature, making the devices suitable for a
wide variety of temperature-sensing applications. The
devices also provide a TRIM input, allowing fine trimming
of the output voltage with a resistive divider network. Low
temperature drift and low noise make the devices ideal
for use with high-resolution A/D or D/A converters.
The MAX6173–MAX6177 provide accurate preset +2.5V,
+3.3V, +4.096V, +5.0V, and +10V reference voltages and
accept input voltages up to +40V. The devices draw
320µA (typ) of supply current and source 30mA or sink
2mA of load current. The MAX6173–MAX6177 use
bandgap technology for low-noise performance and
excellent accuracy. The MAX6173–MAX6177 do not
require an output bypass capacitor for stability, and are
stable with capacitive loads up to 100µF. Eliminating the
output bypass capacitor saves valuable board area in
space-critical applications.
The MAX6173–MAX6177 are available in an 8-pin SO
package and operate over the automotive (-40
°C to
+125
°C) temperature range.
Applications
A/D Converters
Voltage Regulators
D/A Converters
Threshold Detectors
Digital Voltmeters
Features
♦ Wide (VOUT + 2V) to +40V Supply Voltage Range
♦ Excellent Temperature Stability: 3ppm/°C (max)
♦ Tight Initial Accuracy: 0.05% (max)
♦ Low Noise: 3.8µVP-P (typ at 2.5V Output)
♦ Sources up to 30mA Output Current
♦ Low Supply Current: 450µA (max at +25°C)
♦ Linear Temperature Transducer Voltage Output
♦ +2.5V, +3.3V, +4.096V, +5.0V, or +10V Output
Voltages
♦ Wide Operating Temperature Range: -40°C to
+125
°C
♦ No External Capacitors Required for Stability
♦ Short-Circuit Protected
High-Precision Voltage References with
Temperature Sensor
________________________________________________________________ Maxim Integrated Products
1
19-3249; Rev 0; 5/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration appears at end of data sheet.
Ordering Information/Selector Guide
PART
TEMP RANGE
PIN-
PACKAGE
OUTPUT
VOLTAGE (V)
TEMPERATURE COEFFICIENT
(ppm/
°C) -40°C TO +125°C
INITIAL
ACCURACY (%)
MAX6173AASA
-40
°C to +125°C
8 SO
2.500
3
0.06
MAX6173BASA
-40
°C to +125°C
8 SO
2.500
10
0.10
MAX6174AASA
-40
°C to +125°C
8 SO
4.096
3
0.06
MAX6174BASA
-40
°C to +125°C
8 SO
4.096
10
0.10
MAX6175AASA
-40
°C to +125°C
8 SO
5.000
3
0.06
MAX6175BASA
-40
°C to +125°C
8 SO
5.000
10
0.10
MAX6176AASA
-40
°C to +125°C
8 SO
10.000
3
0.05
MAX6176BASA
-40
°C to +125°C
8 SO
10.000
10
0.10
MAX6177AASA
-40
°C to +125°C
8 SO
3.300
3
0.06
MAX6177BASA
-40
°C to +125°C
8 SO
3.300
10
0.10
IN
OUT
GND
*OPTIONAL.
*
*
*
(VOUT + 2V) TO 40V INPUT
REFERENCE
OUTPUT
TRIM
TEMP
MAX6173–MAX6177
Typical Operating Circuit


Similar Part No. - MAX6173

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6173AASA++ MAXIM-MAX6173AASA+ Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
MAX6173BASA++ MAXIM-MAX6173BASA+ Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
MAX6173BASA/V+T MAXIM-MAX6173BASA/V+T Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
MAX6173 MAXIM-MAX6173_V01 Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
More results

Similar Description - MAX6173

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6173 MAXIM-MAX6173_V01 Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
   Precision Voltage References
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
   Precision Voltage References
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com