Electronic Components Datasheet Search
Selected language     English  ▼


M-201-T43 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. M-201-T43
Description  High flow,adjustable flow switch with right-angle flow
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 4 page
background image
4
4
4
4
4
Malema Flow Sensors • 1060 South Rogers Circle •
Boca Raton, Florida
33487 • 1-800-637-6418
561-995-0595 • Fax (561) 995-0622 • http://www.malema.com • © Copyright 1998 • Catalog # 233
M-201-T Series
Dimensional and Cut-Away Drawings (continued)
Dimensional and Cut-Away Drawings (continued)
Dimensional and Cut-Away Drawings (continued)
Dimensional and Cut-Away Drawings (continued)
Dimensional and Cut-Away Drawings (continued)
Illustrated below is the M-201-T Model with 1/2” flares.
Factor
Factor
Factor
Factor
Factory Pr
y Pr
y Pr
y Pr
y Preset Information
eset Information
eset Information
eset Information
eset Information
The M-201-T is an adjustable flow switch. The flow set point can be set at the factory, upon request. Proper
calibration of the set point requires the following information. When purchasing a flow switch that needs to be
factory preset, use the “Set Point Calibration” form on page i-vi or provide this information on the purchase order.
• Calibration set point,
• Increasing or decreasing flow,
• Fluid type (i.e. liquid or gas),
• Density or specific gravity,
• Viscosity,
• System pressure and temperature,
• Flow direction (i.e. upward or downward), and
• Mounting orientation (i.e. horizontal or vertical).
Or
Or
Or
Or
Ordering Information
dering Information
dering Information
dering Information
dering Information
g
n
i
r
e
b
m
u
N
t
r
a
P
d
r
a
d
n
a
t
S
M-
l
e
d
o
M-
l
a
i
r
e
t
a
Mt
r
o
Ph
c
t
i
w
S
M-
1
0
2-
T
3
1
-
X
X
X
1
0
2E
F
T
P
-
Ts
'
e
r
a
l
F
"
8
/
3
-
3
s
'
e
r
a
l
F
"
2
/
1
-
4
.
O
.
N
T
S
P
S
-
1
T
D
P
S
-
3
o
t
r
e
b
m
u
n
t
i
g
i
d
3
e
u
q
i
n
u
y
f
i
t
n
e
d
i
s
a
h
c
u
s
t
n
e
m
e
r
i
u
q
e
r
e
l
b
a
c
d
n
a
g
n
i
t
t
e
s
s
t
n
e
m
e
r
i
u
q
e
r
y
l
b
m
e
s
s
a
s
r
e
m
o
t
s
u
c
t
i
u
s
o
t
s
n
o
i
t
a
c
i
l
p
p
a




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MIC2224High Efficiency 2MHz PWM Buck Converter with DAC Input and 40mOHM Bypass Switch 1 2 3 4 5 MoreMicrel Semiconductor
PI3C31252.5V/3.3V High Bandwidth Hot Insertion 4-Bit 2-Port Bus Switch with Individual Enables 1 2 3 4 5 Pericom Semiconductor Corporation
ZL5007332 K Channel Digital Switch with High Jitter Tolerance Rate Conversion per Group of 4 Streams 8 16 32 or 64 Mbps 1 2 3 4 5 MoreZarlink Semiconductor Inc
CXG1090ENHigh Power 2 ´ 4 Antenna Switch MMIC with Integrated Control Logic 1 2 3 4 5 MoreSony Corporation
TPS2140ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT 1 2 3 4 5 MoreTexas Instruments
BA00CC0WFP1A Low Dropout Voltage Regulator with Shut Down Switch Adjustable Voltage 1 2 3 4 5 MoreRohm
AS196-307GaAs IC High Isolation SPDT Non-Reflective Switch with Driver DC-6.0 GHz 1 2 Alpha Industries
HV2701Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors 1 2 3 4 5 MoreSupertex, Inc
LMH6732High Speed Op Amp with Adjustable Bandwidth 1 2 3 4 5 MoreNational Semiconductor (TI)
ZXLD1601ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70 1 2 3 4 5 MoreZetex Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl