Electronic Components Datasheet Search
Selected language     English  ▼


MAX9996 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX9996
Description  SiGe High-Linearity, 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 3 page
background image
SiGe High-Linearity, 1700MHz to 2200MHz
Downconversion Mixer with LO Buffer/Switch
_______________________________________________________________________________________
3
Note 1: Guaranteed by design and characterization.
Note 2: All limits include external component losses. Output measurements taken at IF output of the Typical Application Circuit.
Note 3: Operation outside this range is possible, but with degraded performance of some parameters.
Note 4: Compression point characterized. It is advisable not to operate continuously the mixer RF input above +12dBm.
Note 5: Measured with external LO source noise filtered so the noise floor is -174dBm/Hz. This specification reflects the effects of all
SNR degradations in the mixer, including the LO noise as defined in Maxim Application Note 2021.
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX9996 Typical Application Circuit, VCC = +4.75V to +5.25V, RF and LO ports are driven from 50
Ω sources, PLO = -3dBm to
+3dBm, PRF = -5dBm, fRF = 1700MHz to 2200MHz, fLO = 1900MHz to 2400MHz, fIF = 200MHz, fLO > fRF, TC = -40°C to +85°C,
unless otherwise noted. Typical values are at VCC = +5V, PRF = -5dBm, PLO = 0dBm, fRF = 1900MHz, fLO = 2100MHz, fIF = 200MHz,
TC = +25°C, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Noise Figure
NF
Single sideband
9.7
dB
Noise Figure Under-Blocking
PRF = 5dBm, fRF = 2000MHz,
fLO = 2190MHz, fBLOCK = 2100MHz (Note 5)
19
dB
LO Drive
-3
+3
dBm
PRF = -10dBm
72
2 x 2
2LO-2RF
PRF = -5dBm
67
PRF = -10dBm
87
Spurious Response at IF
3 x 3
3LO-3RF
PRF = -5dBm
77
dBc
LO2 selected, 1900MHz < fLO < 2100MHz
49
LO1 to LO2 Isolation
LO1 selected, 1900MHz < fLO < 2100MHz
43
dB
Maximum LO Leakage at RF Port
PLO = +3dBm
-20
dBm
Maximum LO Leakage at IF Port
PLO = +3dBm
-30
dBm
Minimum RF-to-IF Isolation
40
dB
LO Switching Time
50% of LOSEL to IF settled to within 2
°
50
ns
RF Port Return Loss
15
dB
LO1/2 port selected,
LO2/1 and IF terminated
16
LO Port Return Loss
LO1/2 port unselected,
LO2/1 and IF terminated
26
dB
IF Port Return Loss
LO driven at 0dBm, RF terminated into 50
Ω,
differential 200
20
dB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2039High-Linearity 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9993High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX20591700MHz to 2200MHz High-Linearity SPI-Controlled DVGA with Integrated Loopback Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2041High-Linearity 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2320Adjustable High-Linearity SiGe Dual-Band LNA/Mixer ICs 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl