Electronic Components Datasheet Search
Selected language     English  ▼


MAX9996 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX9996
Description  SiGe High-Linearity, 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 4 page
background image
SiGe High-Linearity, 1700MHz to 2200MHz
Downconversion Mixer with LO Buffer/Switch
4
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX9996 Typical Application Circuit, VCC = +5.0V, PLO = 0dBm, PRF = -5dBm, fLO > fRF, fIF = 200MHz, unless otherwise noted.)
6
7
9
8
10
11
1500
1700
1900
2100
2300
CONVERSION GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
TC = +85
°C
TC = +25
°C
TC = -25
°C
6
7
9
8
10
11
1500
1700
1900
2100
2300
CONVERSION GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
PLO = -3dBm, 0dBm, +3dBm
6
7
9
8
10
11
1500
1700
1900
2100
2300
CONVERSION GAIN vs. RF FREQUENCY
RF FREQUENCY (MHz)
VCC = 4.75V, 5.0V, 5.25V
21
23
22
25
24
27
26
28
1500
1700
1900
2100
2300
INPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
TC = +25
°C
TC = -25
°C
TC = +85
°C
23
22
25
24
27
26
28
1500
1700
1900
2100
2300
INPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
PLO = -3dBm, 0dBm, +3dBm
23
22
25
24
27
26
28
1500
1700
1900
2100
2300
INPUT IP3 vs. RF FREQUENCY
RF FREQUENCY (MHz)
VCC = 5.25V
VCC = 4.75V, 5.0V
7
6
9
8
11
12
10
13
1500
1700
1900
2100
2300
NOISE FIGURE vs. RF FREQUENCY
RF FREQUENCY (MHz)
TC = +85
°C
TC = +25
°C
TC = -25
°C
7
8
10
11
9
12
1500
1700
1900
2100
2300
NOISE FIGURE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PLO = +3dBm
PLO = -3dBm
PLO = 0dBm
7
8
10
11
9
12
1500
1700
1900
2100
2300
NOISE FIGURE vs. RF FREQUENCY
RF FREQUENCY (MHz)
VCC = 5.25V
VCC = 5.0V
VCC = 4.75V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX9995Dual SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9994SiGe High-Linearity 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2039High-Linearity 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9986SiGe High-Linearity 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX9993High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX20591700MHz to 2200MHz High-Linearity SPI-Controlled DVGA with Integrated Loopback Mixer 1 2 3 4 5 MoreMaxim Integrated Products
MAX2041High-Linearity 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX2320Adjustable High-Linearity SiGe Dual-Band LNA/Mixer ICs 1 2 3 4 5 MoreMaxim Integrated Products
MAX9981825MHz to 915MHz Dual SiGe High-Linearity Active Mixer 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl