Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9996ETP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9996ETP
Description  SiGe High-Linearity, 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9996ETP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9996ETP Datasheet HTML 4Page - Maxim Integrated Products MAX9996ETP Datasheet HTML 5Page - Maxim Integrated Products MAX9996ETP Datasheet HTML 6Page - Maxim Integrated Products MAX9996ETP Datasheet HTML 7Page - Maxim Integrated Products MAX9996ETP Datasheet HTML 8Page - Maxim Integrated Products MAX9996ETP Datasheet HTML 9Page - Maxim Integrated Products MAX9996ETP Datasheet HTML 10Page - Maxim Integrated Products MAX9996ETP Datasheet HTML 11Page - Maxim Integrated Products MAX9996ETP Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Exposed Pad RF/Thermal Considerations
The exposed paddle (EP) of the MAX9996’s 20-pin thin
QFN-EP package provides a low thermal-resistance
path to the die. It is important that the PC board on
which the MAX9996 is mounted be designed to con-
duct heat from the EP. In addition, provide the EP with a
low-inductance path to electrical ground. The EP MUST
be soldered to a ground plane on the PC board, either
directly or through an array of plated via holes.
Chip Information
TRANSISTOR COUNT: 1414
PROCESS: SiGe BiCMOS
SiGe High-Linearity, 1700MHz to 2200MHz
Downconversion Mixer with LO Buffer/Switch
10
______________________________________________________________________________________
COMPONENT
VALUE
DESCRIPTION
L1, L2
470nH
Wire-wound high-Q inductors (0805)
L3
10nH
Wire-wound high-Q inductor (0603)
C1
4pF
Microwave capacitor (0603)
C4
10pF
Microwave capacitor (0603)
C2, C6, C7, C8, C10, C12
22pF
Microwave capacitors (0603)
C3, C5, C9, C11
0.01
µF
Microwave capacitors (0603)
C13, C14
150pF
Microwave capacitors (0603)
C15
150pF
Microwave capacitor (0402)
R1
806
Ω±1% resistor (0603)
R2
549
Ω±1% resistor (0603)
R3
7.15
Ω±1% resistor (1206)
T1
4:1 balun
IF balun
U1
MAX9996
Maxim IC
Table 1. Component List Referring to the Typical Application Circuit
Pin Configuration/Functional Diagram
MAX9996
1
2
3
4
5
15
14
13
12
11
6
7
89
10
20
19
18
17
16
GND
TAP
RF
VCC
VCC
GND
GND
LO2
GND
LO1


Similar Part No. - MAX9996ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9996EVKIT MAXIM-MAX9996EVKIT Datasheet
570Kb / 8P
   1700MHz to 2200MHz RF Frequency
Rev 0; 1/05
More results

Similar Description - MAX9996ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
   SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX19995A MAXIM-MAX19995A Datasheet
410Kb / 23P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX9984 MAXIM-MAX9984 Datasheet
493Kb / 15P
   SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05
MAX9986A MAXIM-MAX9986A Datasheet
348Kb / 12P
   SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX9986 MAXIM-MAX9986 Datasheet
1Mb / 12P
   SiGe High-Linearity, 815MHz to 995MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 2/05
MAX19998 MAXIM-MAX19998 Datasheet
5Mb / 28P
   SiGe, High-Linearity, 2300MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com