Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6173A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6173A
Description  High-Precision Voltage References with Temperature Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6173A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6173A Datasheet HTML 1Page - Maxim Integrated Products MAX6173A Datasheet HTML 2Page - Maxim Integrated Products MAX6173A Datasheet HTML 3Page - Maxim Integrated Products MAX6173A Datasheet HTML 4Page - Maxim Integrated Products MAX6173A Datasheet HTML 5Page - Maxim Integrated Products MAX6173A Datasheet HTML 6Page - Maxim Integrated Products MAX6173A Datasheet HTML 7Page - Maxim Integrated Products MAX6173A Datasheet HTML 8Page - Maxim Integrated Products MAX6173A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
High-Precision Voltage References with
Temperature Sensor
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX6174 (VOUT = 4.096V)
(VIN = +10V, TA = -40
°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
MAX6174A (0.06%)
4.0935
4.096
4.0985
Output Voltage
VOUT
No load, TA = +25
°C
MAX6174B (0.1%)
4.0919
4.096
4.1001
V
Output Adjustment Range
∆VTRIM
RPOT = 10k
Ω±3
±6%
MAX6174AASA
1.5
3
Output-Voltage Temperature
Coefficient (Note 2)
TCVOUT
TA = -40
°C to +125°C
MAX6174BASA
3
10
ppm/
°C
TA = +25
°C
0.6
5
Line Regulation (Note 3)
∆VOUT/
∆VIN
6.1V
≤ VIN ≤ 40V
TA = -40
°C to +125°C
0.8
10
ppm/V
TA = +25
°C2
10
Sourcing:
0
≤ IOUT ≤ 10mA
TA = -40
°C to +125°C2
15
TA = +25
°C
50
500
Load Regulation (Note 3)
∆VOUT/
∆IOUT
Sinking:
-0.6mA
≤ IOUT ≤ 0
TA = -40
°C to +125°C
90
900
ppm/mA
OUT shorted to GND
60
Output Short-Circuit Current
ISC
OUT shorted to IN
3
mA
Temperature Hysteresis
(Note 4)
∆VOUT/
cycle
120
ppm
Long-Term Stability
∆VOUT/
time
1000 hours at TA = +25
°C
50
ppm
DYNAMIC
f = 0.1Hz to 10Hz
7
µVP-P
Noise Voltage
eOUT
f = 10Hz to 1kHz
11.5
µVRMS
Turn-On Settling Time
tR
To VOUT = 0.1% of final value, COUT = 50pF
200
µs
INPUT
Supply Voltage Range
VIN
Guaranteed by line regulation test
6.1
40.0
V
TA = +25
°C
320
500
Quiescent Supply Current
IIN
No load
TA = -40
°C to +125°C
650
µA
TEMP OUTPUT
TEMP Output Voltage
VTEMP
630
mV
TEMP Temperature
Coefficient
TCTEMP
2.1
mV/
°C


Similar Part No. - MAX6173A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6173AASA++ MAXIM-MAX6173AASA+ Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
More results

Similar Description - MAX6173A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6173 MAXIM-MAX6173_V01 Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
   Precision Voltage References
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
   Precision Voltage References
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com