Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG200Q2YS60A Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # MG200Q2YS60A
Description  High Power Switching Applications Motor Control Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MG200Q2YS60A Datasheet(HTML) 3 Page - Toshiba Semiconductor

  MG200Q2YS60A Datasheet HTML 1Page - Toshiba Semiconductor MG200Q2YS60A Datasheet HTML 2Page - Toshiba Semiconductor MG200Q2YS60A Datasheet HTML 3Page - Toshiba Semiconductor MG200Q2YS60A Datasheet HTML 4Page - Toshiba Semiconductor MG200Q2YS60A Datasheet HTML 5Page - Toshiba Semiconductor MG200Q2YS60A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MG200Q2YS60A
2001-08-28
3
Maximum Ratings (Ta
==== 25°C)
Stage
Characteristics
Symbol
Rating
Unit
Collector-emitter voltage
VCES
1200
V
Gate-emitter voltage
VGES
±20
V
DC
IC
200
Collector current
1 ms
ICP
400
A
DC
IF
200
Forward current
1 ms
IFM
400
A
Inverter
Collector power dissipation (Tc
= 25°C)
PC
2000
W
Control voltage (OT)
VD
20
V
Fault input voltage
VFO
20
V
Control
Fault input current
IFO
20
mA
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-40~125
°C
Operation temperature range
Tope
-20~100
°C
Isolation voltage
Visol
2500 (AC 1 min)
V
Module
Screw torque
¾
3 (M5)
N・m
Electrical Characteristics (Tj
==== 25°C)
1.
Inverter Stage
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VGE = ±20 V, VCE = 0
¾
¾
+3/-4mA
Gate leakage current
IGES
VGE = +10 V, VCE = 0
¾
¾
100
nA
Collector cut-off current
ICES
VCE = 1200 V, VGE = 0
¾
¾
1.0
mA
Gate-emitter cut-off voltage
VGE (off)
VCE = 5 V, IC = 200 mA
6.0
7.0
8.0
V
Tj
= 25°C
¾
2.4
2.8
Collector-emitter saturation voltage
VCE (sat)
VGE = 15 V,
IC = 200 A
Tj
= 125°C
¾
¾
3.2
V
Input capacitance
Cies
VCE = 10 V, VGE = 0, f = 1 MHz
¾
15000
¾
pF
Turn-on delay time
td (on)
0.10
¾
1.00
Turn-off time
toff
¾
¾
2.00
Switching time
Fall time
tf
¾
¾
0.50
Reverse recovery time
trr
VCC = 600 V, IC = 200 A
VGE = ±15 V, RG = 10 W
(Note 1)
¾
¾
0.50
ms
Forward voltage
VF
IF = 200 A
¾
2.4
2.8
V
Note 1: Switching time test circuit & timing chart
2.
Control (Tc
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Fault output current
OC
VGE = 15 V
240
¾
¾
A
Over temperature
OT
¾
100
¾
125
°C
Fault output delay time
td (Fo)
VCC = 600 V, VGE = ±15 V
¾
¾
8
ms


Similar Part No. - MG200Q2YS60A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MG200Q2YS60A MITSUBISHI-MG200Q2YS60A Datasheet
218Kb / 8P
   High Power Switching Applications Motor Control Applications
logo
Powerex Power Semicondu...
MG200Q2YS60A POWEREX-MG200Q2YS60A Datasheet
320Kb / 6P
   Compact IGBT Series Module
More results

Similar Description - MG200Q2YS60A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MIG100J201HC TOSHIBA-MIG100J201HC Datasheet
141Kb / 6P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MG400V2YS60A MITSUBISHI-MG400V2YS60A Datasheet
184Kb / 9P
   High Power Switching Applications Motor Control Applications
logo
Toshiba Semiconductor
GT10Q301 TOSHIBA-GT10Q301 Datasheet
321Kb / 7P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MIG50J906H TOSHIBA-MIG50J906H Datasheet
429Kb / 9P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
logo
Mitsubishi Electric Sem...
MIG200Q2CSB1X MITSUBISHI-MIG200Q2CSB1X Datasheet
239Kb / 10P
   High Power Switching Applications Motor Control Applications
logo
Toshiba Semiconductor
MIG75J7CSB1W TOSHIBA-MIG75J7CSB1W Datasheet
186Kb / 11P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MG300Q2YS60A MITSUBISHI-MG300Q2YS60A Datasheet
218Kb / 8P
   High Power Switching Applications Motor Control Applications
MG400Q2YS60A MITSUBISHI-MG400Q2YS60A Datasheet
219Kb / 8P
   High Power Switching Applications Motor Control Applications
MG400V1US51A MITSUBISHI-MG400V1US51A Datasheet
118Kb / 7P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MIG400Q2CMB1X MITSUBISHI-MIG400Q2CMB1X Datasheet
193Kb / 9P
   High Power Switching Applications Motor Control Applications
MIG75Q7CSB1X MITSUBISHI-MIG75Q7CSB1X Datasheet
194Kb / 10P
   High Power Switching Applications Motor Control Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com