Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5319 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5319
Description  500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5319 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5319 Datasheet HTML 2Page - Micrel Semiconductor MIC5319 Datasheet HTML 3Page - Micrel Semiconductor MIC5319 Datasheet HTML 4Page - Micrel Semiconductor MIC5319 Datasheet HTML 5Page - Micrel Semiconductor MIC5319 Datasheet HTML 6Page - Micrel Semiconductor MIC5319 Datasheet HTML 7Page - Micrel Semiconductor MIC5319 Datasheet HTML 8Page - Micrel Semiconductor MIC5319 Datasheet HTML 9Page - Micrel Semiconductor MIC5319 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MIC5319
Micrel
October 2004
8
M9999-100604
Applications Information
Enable/Shutdown
The MIC5319 features an active-high enable pin that allows
the regulator to be disabled. Forcing the enable pin low
disables the regulator and sends it into a “zero” off-mode-
current state. In this state, current consumed by the regulator
goes nearly to zero. Forcing the enable pin high enables the
output voltage. The active-high enable pin uses CMOS
technology and the enable pin cannot be left floating, as this
may cause an indeterminate state on the output.
Input Capacitor
The MIC5319 is a high-performance, high bandwidth device.
Therefore, it requires a well-bypassed input supply for opti-
mal performance. A 1µF capacitor is required from the input-
to-ground to provide stability. Low-ESR ceramic capacitors
provide optimal performance at a minimum of space. Addi-
tional high frequency capacitors, such as small-valued NPO
dielectric-type capacitors, help filter out high-frequency noise
and are good design practice in any RF-based circuit.
Output Capacitor
The MIC5319 requires an output capacitor of 2.2µF or greater
to maintain stability. The design is optimized for use with low-
ESR ceramic chip capacitors. High ESR capacitors may
cause high frequency oscillation. The output capacitor can be
increased, but performance has been optimized for a 2.2µF
ceramic output capacitor and does not improve significantly
with larger capacitance.
X7R/X5R dielectric-type ceramic capacitors are recom-
mended because of their temperature performance. X7R-
type capacitors change capacitance by 15% over their oper-
ating temperature range and are the most stable type of
ceramic capacitors. Z5U and Y5V dielectric capacitors change
value by as much as 50% and 60%, respectively, over their
operating temperature ranges. To use a ceramic chip capaci-
tor with Y5V dielectric, the value must be much higher than an
X7R ceramic capacitor to ensure the same minimum capaci-
tance over the equivalent operating temperature range.
Bypass Capacitor
A capacitor can be placed from the bypass pin-to-ground to
reduce output voltage noise. The capacitor bypasses the
internal reference. A 0.1µF capacitor is recommended for
applications that require low-noise outputs. The bypass ca-
pacitor can be increased, further reducing noise and improv-
ing PSRR. Turn-on time increases slightly with respect to
bypass capacitance. A unique, quick-start circuit allows the
MIC5319 to drive a large capacitor on the bypass pin without
significantly slowing turn-on time. Refer to the “Typical Char-
acteristics” section for performance with different bypass
capacitors.
No-Load Stability
Unlike many other voltage regulators, the MIC5319 will
remain stable and in regulation with no load. This is especially
important in CMOS RAM keep-alive applications.
Adjustable Regulator Application
Adjustable regulators use the ratio of two resistors to multiply
the reference voltage to produce the desired output voltage.
The MIC5319 can be adjusted from 1.25V to 5.5V by using
two external resistors (Figure 1). The resistors set the output
voltage based on the following equation:
MIC5319BML
VOUT
VIN
ADJ
BYP
GND
VIN
VOUT
R1
2.2
µF
R2
1
µF
EN
Figure 1. Adjustable Voltage Application
Thermal Considerations
The MIC5319 is designed to provide 500mA of continuous
current in a very small MLF package. Maximum ambient
operating temperature can be calculated based on the output
current and the voltage drop across the part. Given an input
voltage of 3.3V, output voltage of 2.8V and output current =
500mA, the actual power dissipation of the regulator circuit
can be determined using the equation:
PD = (VIN – VOUT) IOUT + VIN × IGND
Because this device is CMOS and the ground current is
typically <100µA over the load range, the power dissipation
contributed by the ground current is < 1% and can be ignored
for this calculation.
PD = (3.3V – 2.8V) × 500mA
PD = 0.25W
To determine the maximum ambient operating temperature
of the package, use the junction-to-ambient thermal resis-
tance of the device and the following basic equation:
TJ(max) = 125°C, the maximum junction temperature of the die
θJA thermal resistance = 93°C/W
VV
1
R1
R2
V
1.25V
OUT
REF
REF
=+
=
P(
T (max) – T
D
JA
JA
max) =
θ


Similar Part No. - MIC5319

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319-1.3HYD5 MICREL-MIC5319-1.3HYD5 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-1.3HYML MICREL-MIC5319-1.3HYML Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-1.85YD5 MICREL-MIC5319-1.85YD5 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-1.85YML MICREL-MIC5319-1.85YML Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-1.8BML MICREL-MIC5319-1.8BML Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
More results

Similar Description - MIC5319

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
   HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
logo
Micrel Semiconductor
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
   High PSRR 500mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
   500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6501A AITSEMI-A6501A Datasheet
806Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR
REV1.0
logo
Micrel Semiconductor
MIC2215 MICREL-MIC2215 Datasheet
112Kb / 11P
   Tirple High PSRR, Low Noise uCap LDO
logo
SHANGHAI BELLING CO., L...
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
   500mA High PSRR, Low Dropout Voltage Linear Regulator
logo
Texas Instruments
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com