Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5319-2 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5319-2
Description  500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5319-2 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5319-2 Datasheet HTML 2Page - Micrel Semiconductor MIC5319-2 Datasheet HTML 3Page - Micrel Semiconductor MIC5319-2 Datasheet HTML 4Page - Micrel Semiconductor MIC5319-2 Datasheet HTML 5Page - Micrel Semiconductor MIC5319-2 Datasheet HTML 6Page - Micrel Semiconductor MIC5319-2 Datasheet HTML 7Page - Micrel Semiconductor MIC5319-2 Datasheet HTML 8Page - Micrel Semiconductor MIC5319-2 Datasheet HTML 9Page - Micrel Semiconductor MIC5319-2 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MIC5319
Micrel
October 2004
6
M9999-100604
Line Transient Response
TIME (4
µs/div)
4V
5V
C
BYP = 0.01µF
I
OUT = 100µA
C
OUT = 2.2µF
Enable Pin Delay
TIME (20
µs/div)
V
OUT = 3V
C
BYP = 0.01µF
I
OUT = 100µA
C
OUT = 2.2µF
Shutdown Delay
TIME (20
µs/div)
C
BYP = 0.01µF
R
L = 6Ω
C
OUT = 2.2µF
V
IN = 3.8V
C
BYP = 0.01µF
V
IN = 3.8V
C
OUT = 2.2µF
Load Transient Response
TIME (200
µs/div)
500mA
100mA
Functional Characteristics


Similar Part No. - MIC5319-2

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319-2.5BML MICREL-MIC5319-2.5BML Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-2.5YD5 MICREL-MIC5319-2.5YD5 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-2.5YML MICREL-MIC5319-2.5YML Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-2.6YD5 MICREL-MIC5319-2.6YD5 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5319-2.6YML MICREL-MIC5319-2.6YML Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
More results

Similar Description - MIC5319-2

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
   HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
logo
Micrel Semiconductor
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
   High PSRR 500mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
   500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6501A AITSEMI-A6501A Datasheet
806Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR
REV1.0
logo
Micrel Semiconductor
MIC2215 MICREL-MIC2215 Datasheet
112Kb / 11P
   Tirple High PSRR, Low Noise uCap LDO
logo
SHANGHAI BELLING CO., L...
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
   500mA High PSRR, Low Dropout Voltage Linear Regulator
logo
Texas Instruments
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com