Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1200V-01 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSC1200V-01
Description  30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1200V-01 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSC1200V-01 Datasheet HTML 3Page - OKI electronic componets MSC1200V-01 Datasheet HTML 4Page - OKI electronic componets MSC1200V-01 Datasheet HTML 5Page - OKI electronic componets MSC1200V-01 Datasheet HTML 6Page - OKI electronic componets MSC1200V-01 Datasheet HTML 7Page - OKI electronic componets MSC1200V-01 Datasheet HTML 8Page - OKI electronic componets MSC1200V-01 Datasheet HTML 9Page - OKI electronic componets MSC1200V-01 Datasheet HTML 10Page - OKI electronic componets MSC1200V-01 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
¡ Semiconductor
MSC1200-01/1200V-01
7/26
FEDL1200V-03
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage
VDD
–0.3 to +20
V
All inputs except VPARK
Input Voltage (1)
VIN1
–0.3 to +6
V
VPARK
Input Voltage (2)
VIN2
–0.3 to VDD +0.3
V
Storage Temperature
TSTG
–65 to +150
°C
Ta = 85
°C
Power Dissipation
PD
400
mW
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Max.
Unit
Supply Voltage
VDD
18
V
Typ.
All inputs except VPARK & OSC0
High Level Input Voltage (1)
VIH1
5.5
V
Min.
8
3.8
VPARK
High Level Input Voltage (2)
VIH2
VDD
V
3.8
OSC0
High Level Input Voltage (3)
VIH3
5.5
V
4.5
All inputs except OSC0
Low Level Input Voltage (1)
VIL1
0.8
V
0
OSC0
Low Level Input Voltage (2)
VIL2
0.5
V
0
Clock Frequency
fC
250
kHz
R = 4.7kW, C=10pF
OSC Frequency
fOSC
MHz
3.3
fOSC=3MHz
Frame Frequency
fFR
—Hz
201
Operating Temperature
Top
+85
°C
–40


Similar Part No. - MSC1200V-01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1200 TI-MSC1200 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
MSC1200Y2 TI-MSC1200Y2 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200Y2 TI1-MSC1200Y2 Datasheet
1Mb / 93P
[Old version datasheet]   MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
More results

Similar Description - MSC1200V-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9228 OKI-ML9228 Datasheet
170Kb / 25P
   82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSM9223 OKI-MSM9223 Datasheet
237Kb / 25P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSC1208 OKI-MSC1208 Datasheet
111Kb / 14P
   23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSC1205 OKI-MSC1205 Datasheet
130Kb / 15P
   32-Bit Duplex Controller/Driver with Digital Dimming Function
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
   32-Bit Duplex/Triplex VF Controller/Driver with Digital Dimming
logo
OKI electronic componet...
ML9227 OKI-ML9227 Datasheet
342Kb / 26P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
MSC1215 OKI-MSC1215 Datasheet
144Kb / 22P
   17 x 2 Duplex Driver with Dimming, Keyscan and A/D Converter Function
MSC1218 OKI-MSC1218 Datasheet
105Kb / 12P
   63-Bit Triplex Controller/Driver with Digital Dimming Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com