Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMV45EN Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMV45EN
Description  mTrenchMOSTM enhanced logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMV45EN Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMV45EN Datasheet HTML 2Page - NXP Semiconductors PMV45EN Datasheet HTML 3Page - NXP Semiconductors PMV45EN Datasheet HTML 4Page - NXP Semiconductors PMV45EN Datasheet HTML 5Page - NXP Semiconductors PMV45EN Datasheet HTML 6Page - NXP Semiconductors PMV45EN Datasheet HTML 7Page - NXP Semiconductors PMV45EN Datasheet HTML 8Page - NXP Semiconductors PMV45EN Datasheet HTML 9Page - NXP Semiconductors PMV45EN Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
PMV45EN
µTrenchMOS™ enhanced logic level FET
Product data
Rev. 01 — 15 January 2003
6 of 12
9397 750 10894
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Tj =25 °CTj =25 °C and 175 °C; VDS > ID × RDSon
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain source on-state resistance
factor as a function of junction temperature.
03al03
0
1
2
3
0
0.1
0.2
0.3
0.4
0.5
VDS (V)
ID
(A)
10 V 4.5 V
VGS = 2.2 V
2.6 V
2.4 V
2.9 V
3.1 V
03ak72
0
1
2
3
0123
VGS (V)
ID
(A)
VDS > ID x RDSon
Tj = 150 °C
25
°C
03al04
0
50
100
150
200
0123
ID (A)
RDSon
(m
Ω)
Tj = 25 °C
VGS = 2.7 V
2.9 V
3.1 V
4.5 V
10 V
03al00
0
0.6
1.2
1.8
-60
0
60
120
180
Tj (°C)
a
a
R
DSon
R
DSon 25
°C
()
------------------------------
=


Similar Part No. - PMV45EN

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
PMV45EN ZPSEMI-PMV45EN Datasheet
313Kb / 3P
   N-channel TrenchMOS logic level FET
logo
VBsemi Electronics Co.,...
PMV45EN VBSEMI-PMV45EN Datasheet
475Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PMV45EN NEXPERIA-PMV45EN Datasheet
436Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 2 - 7 November 2011
PMV45EN2 NEXPERIA-PMV45EN2 Datasheet
888Kb / 15P
   30 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMV45EN2 PHILIPS-PMV45EN2_15 Datasheet
471Kb / 15P
   30 V, N-channel Trench MOSFET
3 June 2014
More results

Similar Description - PMV45EN

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
PMV60EN ZPSEMI-PMV60EN Datasheet
207Kb / 3P
   mTrenchMOS??enhanced logic level FET
logo
NXP Semiconductors
PMN45EN PHILIPS-PMN45EN Datasheet
227Kb / 12P
   TrenchMOS??enhanced logic level FET
Rev. 01-27 September 2002
PMV117EN PHILIPS-PMV117EN Datasheet
81Kb / 12P
   uTrenchMOS enhanced logic level FET
Rev. 02-7 April 2005
PMV60EN PHILIPS-PMV60EN Datasheet
238Kb / 12P
   UTrenchMOS enhanced logic level FET
Rev. 01-15 January 2003
logo
ZP Semiconductor
PMV117EN ZPSEMI-PMV117EN Datasheet
216Kb / 3P
   mTrenchMOS??enhanced logic level FET
logo
Nexperia B.V. All right...
PMN45EN NEXPERIA-PMN45EN Datasheet
333Kb / 13P
   TrenchMOS™ enhanced logic level FET
Rev. 01 - 27 September 2002
PMV117EN NEXPERIA-PMV117EN Datasheet
200Kb / 13P
   TrenchMOS™ enhanced logic level FET
Rev. 02 7 April 2005
logo
NXP Semiconductors
PMV60EN PHILIPS-PMV60EN Datasheet
259Kb / 12P
   mu TrenchMOS enhanced logic level FET
Rev. 01-15 January 2003
logo
Nexperia B.V. All right...
PMV60EN NEXPERIA-PMV60EN Datasheet
342Kb / 13P
   TrenchMOS™ enhanced logic level FET
Rev. 01 - 15 January 2003
logo
NXP Semiconductors
PH8230E PHILIPS-PH8230E Datasheet
84Kb / 12P
   N-CHANNEL TRENCHMOSTM ENHANCED LOGIC LEVEL FET
Rev. 03-02 March 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com