Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN78000A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTN78000A
Description  1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78000A Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTN78000A Datasheet HTML 7Page - Texas Instruments PTN78000A Datasheet HTML 8Page - Texas Instruments PTN78000A Datasheet HTML 9Page - Texas Instruments PTN78000A Datasheet HTML 10Page - Texas Instruments PTN78000A Datasheet HTML 11Page - Texas Instruments PTN78000A Datasheet HTML 12Page - Texas Instruments PTN78000A Datasheet HTML 13Page - Texas Instruments PTN78000A Datasheet HTML 14Page - Texas Instruments PTN78000A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
Designing for Load Transients
PTN78000A
SLTS246A – APRIL 2005 – REVISED MAY 2005
The transient response of the dc/dc converter has been characterized using a load transient with a di/dt of
1 A/µs. The typical voltage deviation for this load transient is given in the data sheet specification table using the
required value of output capacitance. As the di/dt of a transient is increased, the response of a converter's
regulation circuit ultimately depends on its output capacitor decoupling network. This is an inherent limitation of
any dc/dc converter once the speed of the transient exceeds its bandwidth capability. If the target application
specifies a higher di/dt or lower voltage deviation, the requirement can only be met with additional output
capacitor decoupling. In these cases, special attention must be paid to the type, value, and ESR of the
capacitors selected.
If the transient performance requirements exceed those specified in the data sheet, the selection of output
capacitors becomes more important. Review the minimum ESR in the characteristic data sheet for details on the
capacitance maximum.
Table 3. Recommended Input/Output Capacitors
CAPACITOR CHARACTERISTICS
QUANTITY
85°C
CAPACITOR VENDOR/
EQUIVALENT
VENDOR
WORKING
MAXIMUM
PHYSICAL
COMPONENT
VALUE
SERIES
INPUT
OUTPUT
NUMBER
VOLTAGE
RIPPLE
SIZE
SERIES
(µF)
RESISTANCE
BUS
BUS
(V)
CURRENT
(mm)
(ESR) (
Ω)
(Irms) (mA)
FC( Radial)
35
100
0.117
550
8 × 11,5
≥1
1
EEUFC1H181
FC (SMD)
35
100
0.015
670
10 × 10,2
≥1 (1)
1
EEVFC1V101P
PXA16VC180MF60 (VI, |VO| <
United Chemi-Con PXA (SMD)
16
180
0.016
4360
8 × 12
≥1 (1)
≤ 1
14 V)
PS
25
100
0.020
4300
8 × 10,5
≥1 (1)
≤ 1
10FS100M (VI, |VO| < 22 V)
LXZ
50
100
0.220
485
8 × 12,5
≥1
1
LXZ50VB101M8X12LL
MVY50VC101M10X10TP
MVY(SMD)
50
100
0.300
500
10 × 10
≥1
1
(|VO| ≤ 5 V)
Nichicon UWG (SMD)
50
100
0.300
500
10 × 10
≥1
1
UWG1H101MNR1GS
F550 (Tantalum)
10
100
0.055
2000
7.7 × 4,3
N/R (1)
≤ 3(2)
F551A107MN (|VO| ≤ 5 V)
HD
50
120
0.072
979
10 × 12,5
≥1
1
UHD1H101MPR
Sanyo Os-Con SVP (SMD)
20
100
0.024
2500
8 × 12
≥1 (1)
≤ 1
20SVP100M (VI, |VO| ≤ 16 V)
SP
16
100
0.032
2890
10 × 5
≥ 1 (1)
≤ 1
16SP100M (VI, |VO| ≤ 14 V)
7,3 L × 4,3
TPSV107M020R0085
20
100
0.085
1543
N/R (3)
≤ 2
W × 4,1 H
(|VO| ≤ 10 V)
AVX Tantalum TPS (SMD)
TPSE107M020R0200
20
100
0.200
> 817
N/R (3)
≤ 2
(|VO| ≤ 10 V)
GRM32ER61C476M
Murata X5R Ceramic
16
47
0.002
>1000
3225
1 (1)
≤ 2
(|Vo| ~ VI≤ 13.5 V)
GRM422X5R476M6.3
Murata X5R Ceramic
6.3
47
0.002
>1000
3225
N/R (1)
≤ 2
(|VO| ≤ 5.5 V)
C3225X7R1E225KT/MT
TDK X7R Ceramic
25
2.2
0.002
>1000
SMD
≥ 4 (4)
1
(|VO| ≤ 20 V)
GRM32RR71E225K
Murata X7R Ceramic
25
2.2
0.002
>1000
3225
≥ 4 (4)
1
(|VO| ≤ 20 V)
C1210C225K3RAC
Kemet X7R Ceramic
25
2.2
0.002
>1000
3225
≥ 4 (4)
1
(|VO| ≤ 20 V)
12103C225KAT2A
AVX X7R Ceramic
25
2.2
0.002
>1000
3225
≥ 4 (4)
1
(|VO| ≤ 20 V)
Murata X7R Ceramic
50
4.7
0.002
>1000
3225
≥ 2
1
GRM32ER71H475KA88L
TDK X7R Ceramic
50
2.2
0.002
>1000
≥ 4
1
C3225X7R1H225KT
Murata Radial Through-hole
50
2.2
0.004
>1000
≥ 4
1
RPER71H2R2KK6F03
(1)
The voltage rating of the input capacitor must be selected for the desired operating input voltage range of the regulator. To operate the
regulator at a higher input voltage, select a capacitor with the next higher voltage rating.
(2)
The maximum voltage rating of the capacitor must be selected for the desired set-point voltage (VO ). To operate at a higher output
voltage, select a capacitor with a higher voltage rating.
(3)
Not recommended (N/R). The voltage rating does not meet the minimum operating limits in most applications.
(4)
The maximum rating of the ceramic capacitor limits the regulator's operating input voltage to 20 V. Select a alternative ceramic
component to operate at a higher input voltage.
11


Similar Part No. - PTN78000A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
More results

Similar Description - PTN78000A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000W TI-PTN78000W_08 Datasheet
676Kb / 25P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
PTH08080W TI-PTH08080W Datasheet
700Kb / 16P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W Datasheet
1Mb / 25P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W_09 Datasheet
746Kb / 26P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W Datasheet
1Mb / 24P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_08 Datasheet
711Kb / 26P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W_15 Datasheet
475Kb / 18P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com