Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1201-XX Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSC1201-XX
Description  60-Bit VFD Tube Driver with Digital Dimming and PWM Conversion Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1201-XX Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSC1201-XX Datasheet HTML 2Page - OKI electronic componets MSC1201-XX Datasheet HTML 3Page - OKI electronic componets MSC1201-XX Datasheet HTML 4Page - OKI electronic componets MSC1201-XX Datasheet HTML 5Page - OKI electronic componets MSC1201-XX Datasheet HTML 6Page - OKI electronic componets MSC1201-XX Datasheet HTML 7Page - OKI electronic componets MSC1201-XX Datasheet HTML 8Page - OKI electronic componets MSC1201-XX Datasheet HTML 9Page - OKI electronic componets MSC1201-XX Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
¡ Semiconductor
MSC1201-xx
6/20
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage
VDD
–0.3 to +20
V
All inputs
Input Voltage
VIN
–0.3 to +6
V
Storage Temperature Range
TSTG
–65 to +150
°C
Ta = 85°C
Power Dissipation
PD
0.4
W
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Max.
Unit
Supply Voltage
VDD
18
V
Typ.
All inputs except OSC0, VK
High Level Input Voltage (1)
VIH1
5.5
V
Min.
8
3.8
VK
High Level Input Voltage (2)
VIH2
VDD
V
3.8
OSC0
High Level Input Voltage (3)
VIH3
5.5
V
4.5
All inputs except OSC0
Low Level Input Voltage (1)
VIL1
0.8
V
0
OSC0
Low Level Input Voltage (2)
VIL2
0.5
V
0
Clock Frequency
fC
250
kHz
R = 4.7k
W, C=22pF
OSC Frequency
fOSC
MHz
2
fOSC = 2 MHz
Frame Frequency
FFR
—Hz
224
Operating Temperature Range
Top
85
˚C
–40


Similar Part No. - MSC1201-XX

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1201 BURR-BROWN-MSC1201 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1201 TI1-MSC1201 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1201 TI-MSC1201 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
MSC1201 TI1-MSC1201 Datasheet
1Mb / 93P
[Old version datasheet]   MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
logo
Burr-Brown (TI)
MSC1201Y2 BURR-BROWN-MSC1201Y2 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1201-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1209 OKI-MSC1209 Datasheet
172Kb / 16P
   42-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSM9223 OKI-MSM9223 Datasheet
237Kb / 25P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSC1218 OKI-MSC1218 Datasheet
105Kb / 12P
   63-Bit Triplex Controller/Driver with Digital Dimming Function
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSC1205 OKI-MSC1205 Datasheet
130Kb / 15P
   32-Bit Duplex Controller/Driver with Digital Dimming Function
ML9228 OKI-ML9228 Datasheet
170Kb / 25P
   82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
ML9227 OKI-ML9227 Datasheet
342Kb / 26P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
MSC1208 OKI-MSC1208 Datasheet
111Kb / 14P
   23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
MSC1230 OKI-MSC1230 Datasheet
115Kb / 13P
   111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com