Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4682N Datasheet(PDF) 6 Page - Texas Instruments

Part # PT4682N
Description  20-A 24-V Input Dual Output Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4682N Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT4682N Datasheet HTML 2Page - Texas Instruments PT4682N Datasheet HTML 3Page - Texas Instruments PT4682N Datasheet HTML 4Page - Texas Instruments PT4682N Datasheet HTML 5Page - Texas Instruments PT4682N Datasheet HTML 6Page - Texas Instruments PT4682N Datasheet HTML 7Page - Texas Instruments PT4682N Datasheet HTML 8Page - Texas Instruments PT4682N Datasheet HTML 9Page - Texas Instruments PT4682N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
All Characteristic data in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the converter.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
Typical Characteristics
PT4683 (Vo1/Vo2 =3.3V/1.8V); Vin =24V (See Notes A & B)
Efficiency vs Io1; Io2 @1A, 3A, and 6A
Power Dissipation vs Io1 and Io2
Cross Regulation: Vo1 vs Io2 @Io1 =1A
Cross Regulation: Vo2 vs Io1 @Io2 =1A
Efficiency vs Io1; Io2 @9A, 12A, and 15A
Safe Operating Area: (Io1 + Io2)
PT4683—24V
20-A 24-V Input Dual Output
Isolated DC/DC Converter
50
60
70
80
90
100
0369
12
15
I1 out (A)
6
3
1
I2 out
50
60
70
80
90
100
0369
12
15
I1 out (A)
9
12
15
I2 out
3.28
3.29
3.3
3.31
3.32
0369
12
15
I2 out (A)
0
2
4
6
8
10
0
3
6
9
12
15
I1 out (A)
15
12
9
6
3
1
I2 out
1.78
1.79
1.8
1.81
1.82
0369
12
15
I1 out (A)
20
30
40
50
60
70
80
90
5
8
11
14
17
20
Io1 + Io2 (A)
200LFM
100LFM
Nat conv
Airflow


Similar Part No. - PT4682N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4682N TI1-PT4682N Datasheet
286Kb / 15P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
More results

Similar Description - PT4682N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4680 TI1-PT4680 Datasheet
286Kb / 15P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4140 TI-PT4140 Datasheet
176Kb / 9P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PTB48500 TI1-PTB48500_14 Datasheet
580Kb / 18P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI-PTB48500_06 Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI-PTB48500 Datasheet
411Kb / 14P
[Old version datasheet]   Dual-Output, 48-V Input Isolated DC/DC Converter for xDSL
PTB48500A TI1-PTB48500A Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
logo
PHOENIX CONTACT
105539 PHOENIX-105539 Datasheet
562Kb / 21P
   DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 20 A
2014-02-13
logo
Texas Instruments
PT3663 TI-PT3663 Datasheet
317Kb / 15P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4661 TI-PT4661 Datasheet
339Kb / 17P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com