Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN78000AAZT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTN78000AAZT
Description  1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78000AAZT Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTN78000AAZT Datasheet HTML 6Page - Texas Instruments PTN78000AAZT Datasheet HTML 7Page - Texas Instruments PTN78000AAZT Datasheet HTML 8Page - Texas Instruments PTN78000AAZT Datasheet HTML 9Page - Texas Instruments PTN78000AAZT Datasheet HTML 10Page - Texas Instruments PTN78000AAZT Datasheet HTML 11Page - Texas Instruments PTN78000AAZT Datasheet HTML 12Page - Texas Instruments PTN78000AAZT Datasheet HTML 13Page - Texas Instruments PTN78000AAZT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
CAPACITOR RECOMMENDATIONS FOR THE PTN78000 WIDE-OUTPUT
Input Capacitor
Output Capacitor
Ceramic Capacitors
Tantalum Capacitors
Capacitor Table
PTN78000A
SLTS246A – APRIL 2005 – REVISED MAY 2005
ADJUST POWER MODULES
The minimum requirements for the input bus is 100 µF of nonceramic capacitance and 9.4 µF (2 x 4.7 µF) of
ceramic capacitance, in either an X5R or X7R temperature characteristic, and 100 µF of electrolytic capacitance.
Ceramic capacitors should be located within 0.5 inch (1,27 cm) of the regulator's input pins. Electrolytic
capacitors should be used at the input in addition to the required ceramic capacitance. The minimum ripple
current rating for any nonceramic capacitance must be at least 250 mA rms. The ripple current rating of
electrolytic capacitors is a major consideration when they are used at the input. This ripple current requirement
can be reduced by placing more ceramic capacitors at the input, in addition to the minimum required 9.4 µF.
Tantalum capacitors are not recommended for use at the input bus, as none were found to meet the minimum
voltage rating of 2 × (maximum dc voltage + ac ripple). The 2× rating is standard practice for regular tantalum
capacitors to ensure reliability. Polymer-tantalum capacitors are more reliable and are available with a maximum
rating of typically 20 V. These can be used with input voltages up to 16 V.
The minimum capacitance required to ensure stability is a 100 µF. Either ceramic or electrolytic-type capacitors
can be used. The minimum ripple current rating for the nonceramic capacitance must be at least 200 mA rms.
The stability of the module and voltage tolerances is compromised if the capacitor is not placed near the output
bus pins. A high-quality, computer-grade electrolytic capacitor should be adequate. A ceramic capacitor can be
also be located within 0.5 inch (1,27 cm) of the output pin.
For applications with load transients (sudden changes in load current), the regulator response improves with
additional capacitance. Additional electrolytic capacitors should be located close to the load circuit. These
capacitors provide decoupling over the frequency range, 2 kHz to 150 kHz. Aluminum electrolytic capacitors are
suitable for ambient temperatures above 0°C. For operation below 0°C, tantalum or Os-Con-type capacitors are
recommended. When using one or more nonceramic capacitors, the calculated equivalent ESR should be no
lower than 14 m
Ω (17 mΩ using the manufacturer's maximum ESR for a single capacitor). A list of recommended
capacitors and vendors are identified in Table 3.
Above 150 kHz, the performance of aluminum electrolytic capacitors becomes less effective. To further reduce
the reflected input ripple current, or the output transient response, multilayer ceramic capacitors must be added.
Ceramic capacitors have low ESR, and their resonant frequency is higher than the bandwidth of the regulator.
When placed at the output, their combined ESR is not critical as long as the total value of ceramic capacitance
does not exceed 200 µF.
Tantalum-type capacitors may be used at the output, and are recommended for applications where the ambient
operating temperature can be less than 0°C. The AVX TPS, Sprague 593D/594/595, and Kemet
T495/T510/T520 capacitors series are suggested over many other tantalum types due to their rated surge, power
dissipation, and ripple current capability. As a caution, many general-purpose tantalum capacitors have
considerably higher ESR, reduced power dissipation, and lower ripple current capability. These capacitors are
also less reliable as they have lower power dissipation and surge current ratings. Tantalum capacitors that do not
have a stated ESR or surge current rating are not recommended for power applications. When specifying
Os-Con and polymer-tantalum capacitors for the output, the minimum ESR limit is encountered well before the
maximum capacitance value is reached.
The capacitor table, Table 3, identifies the characteristics of capacitors from various vendors with acceptable
ESR and ripple current (rms) ratings. The recommended number of capacitors required at both the input and
output buses is identified for each capacitor type. This is not an extensive capacitor list. Capacitors from other
vendors are available with comparable specifications. Those listed are for guidance. The rms rating and ESR (at
100 kHz) are critical parameters necessary to ensure both optimum regulator performance and long capacitor
life.
10


Similar Part No. - PTN78000AAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
More results

Similar Description - PTN78000AAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000W TI-PTN78000W_08 Datasheet
676Kb / 25P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
PTH08080W TI-PTH08080W Datasheet
700Kb / 16P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W Datasheet
1Mb / 25P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W_09 Datasheet
746Kb / 26P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W Datasheet
1Mb / 24P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_08 Datasheet
711Kb / 26P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W_15 Datasheet
475Kb / 18P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com