Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4686 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4686
Description  20-A 24-V Input Dual Output Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4686 Datasheet(HTML) 3 Page - Texas Instruments

  PT4686 Datasheet HTML 1Page - Texas Instruments PT4686 Datasheet HTML 2Page - Texas Instruments PT4686 Datasheet HTML 3Page - Texas Instruments PT4686 Datasheet HTML 4Page - Texas Instruments PT4686 Datasheet HTML 5Page - Texas Instruments PT4686 Datasheet HTML 6Page - Texas Instruments PT4686 Datasheet HTML 7Page - Texas Instruments PT4686 Datasheet HTML 8Page - Texas Instruments PT4686 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Specifications (Unless otherwise stated, Ta =25°C, Vin =24V, & Io1=Io2=10A)
PT4680 SERIES
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io1
Vo1
0—
15
A
Io2
Vo2
0—
15
Io1+Io2
Total (both outputs)
0
20 (1)
A
Input Voltage Range
Vin
18
24
36
V
Set Point Voltage Tolerance
Votol
±1±2%Vo
Temperature Variation
∆Regtemp
–40 to +100°C Case, Io1 =Io2 =0A
±0.5
%Vo
Line Regulation
∆Regline
Over Vin range with Io1=Io2=5A
±5
±10
mV
Load Regulation
∆Regload
1A
≤Io1 ≤15A, Io2 =1A
∆Vo1
±2
±10
mV
1A
≤Io2 ≤15A, Io1 =1A
∆Vo2
±2
±10
Cross Regulation
∆Regcross
1A
≤Io2 ≤15A, Io1 =1A
∆Vo1
±2
±10
mV
1A
≤Io1 ≤15A, Io2 =1A
∆Vo2
—±2
±5
Total Output Variation
∆Votol
Includes set-point, line load,
∆Vo1
—±2
±3
%Vo
–40°C to +100°C case
∆Vo2
—±2
±3
Efficiency
η
Io1 =1o2 =10A
PT4681
88
PT4682
87
PT4683
87
PT4685
86
%
PT4686
85
PT4687
86
Vo Ripple (pk-pk)
Vr
Io1=Io2=5A, 20MHz bandwidth
Vo =5V
75
mVpp
Vo <5V
50
Transient Response
ttr
1A/µs load step from 50% to 100% Iomax
25
100
µSec
(either output)
6.0
%Vo
Current Limit
Ilim
Each output with other unloaded
15.5
18
A
Output Rise Time
Von
At turn-on to within 90% of Vo
5
10
mSec
Output Over-Voltage Protection
OVP
Either output; shutdown and latch off
125 (2)
—%Vo
Switching Frequency
fs
280
320
kHz
Under-Voltage-Lockout
UVLO
Rising
17
18
V
Falling
15
16
Internal Input Capacitance
Cin
—2
—µF
On/Off Control
Referenced to –Vin
Input High Voltage
VIH
3.5
V
Input Low Voltage
VIL
0
0.8 (3)
Input Low Current
IIL
0.5
mA
Quiescent Current
Iin standby
Pins 2, 3, & 4 connected
3
5
mA
External Output Capacitance
Cout
Per each output
0
5,000
µF
Primary/Secondary Isolation
V iso
1500
V
C iso
1500
pF
R iso
10
——M
Temperature Sense
Vtemp
Output voltage at temperatures:-
–40°C
0.1 (4)
V
100°C
1.5 (4)
Over-Temperature Shutdown
OTP
Case temperature (auto restart)
110
°C
Operating Temperature Range
Ta
Over Vin range
–40
+85 (5)
°C
Storage Temperature
Ts
–40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G’s
Mechanical Vibration
Vertical
10 (6)
G’s
Per Mil-STD-883D, 20–2,000Hz
Horizontal
20 (6)
Weight
90
grams
Flammability
Materials meet UL 94V-0
Notes: (1) The sum-total current from Vo1 & Vo2 must not exceed 20ADC.
(2) This is a fixed parameter. Adjusting Vo1 or Vo2 higher will increase the module’s sensitivity to over-voltage detection. For more information, see the
application note on output voltage adjustment.
(3) The EN1 and EN2 control inputs (pins 3 & 4) have internal pull-ups and may be controlled with an open-collector (or open-drain) transistor. Both
inputs are diode protected and can be connected to +Vin. The maximum open-circuit voltage is 5.4V.
(4) Voltage output at “TEMP” pin is defined by the equation:- VTEMP = 0.5 + 0.01·T, where T is in °C. See pin descriptions for more information.
(5) See SOA curves or consult the factory for the appropriate derating.
(6) The case pins on the through-holed package types (suffixes N & A) must be soldered. For more information see the applicable package outline drawing.
PT4680 Series
20-A 24-V Input Dual Output
Isolated DC/DC Converter


Similar Part No. - PT4686

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4686 TI1-PT4686 Datasheet
286Kb / 15P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4686A TI1-PT4686A Datasheet
286Kb / 15P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4686C TI1-PT4686C Datasheet
286Kb / 15P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4686N TI1-PT4686N Datasheet
286Kb / 15P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
More results

Similar Description - PT4686

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4680 TI1-PT4680 Datasheet
286Kb / 15P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4140 TI-PT4140 Datasheet
176Kb / 9P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PTB48500 TI1-PTB48500_14 Datasheet
580Kb / 18P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI-PTB48500_06 Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI-PTB48500 Datasheet
411Kb / 14P
[Old version datasheet]   Dual-Output, 48-V Input Isolated DC/DC Converter for xDSL
PTB48500A TI1-PTB48500A Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
logo
PHOENIX CONTACT
105539 PHOENIX-105539 Datasheet
562Kb / 21P
   DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 20 A
2014-02-13
logo
Texas Instruments
PT3663 TI-PT3663 Datasheet
317Kb / 15P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4661 TI-PT4661 Datasheet
339Kb / 17P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com