Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83194BR-63S Datasheet(PDF) 3 Page - Winbond

Part # W83194BR-63S
Description  STEP-LESS CLOCK FOR SIS CHIPSET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83194BR-63S Datasheet(HTML) 3 Page - Winbond

  W83194BR-63S Datasheet HTML 1Page - Winbond W83194BR-63S Datasheet HTML 2Page - Winbond W83194BR-63S Datasheet HTML 3Page - Winbond W83194BR-63S Datasheet HTML 4Page - Winbond W83194BR-63S Datasheet HTML 5Page - Winbond W83194BR-63S Datasheet HTML 6Page - Winbond W83194BR-63S Datasheet HTML 7Page - Winbond W83194BR-63S Datasheet HTML 8Page - Winbond W83194BR-63S Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
W83194BR-63S
Publication Release Date: May 19, 2005
- 3 -
Revision 2.0
3. PIN CONFIGURATION
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Vdd
REF1^/ &AGPSEL
Xin
Xout
VddP
PCICLK0^/ &FS1
PCICLK1^/ &FS2
Vss
PCICLK2^
PCICLK3^
PCICLK4
PCICLK5/RESET$
Vss
SDRAM12
SDRAM11/CPU_STOP#
VddAGP
SDRAM 10/PCI_STOP#
SDRAM 8/PD#
SDATA*
SDCLK*
VddLCPU
CPUCLK0
Vss
CPUCLK1
CPUCS_C2
VddSD
SDRAM 0
SDRAM 1
SDRAM 2
VddSD
SDRAM 3
Vss
SDRAM 4
SDRAM 5
SDRAM 6
SDRAM 7
Vdd48
VddSD
24_48MHz/&Mode
Vss
SDRAM 9/SDRAM_STOP#
48MHz/&FS0
AGPCLK0/SEL24_48*
Vss
Vss
REF0^/ &FS3
AGPCLK1/Mode1*
Vss
* : pull-up 120K
&: pull-down 120K
^ : double strength
# :input active low
$ :open drain
4. PIN DESCRIPTION
IN - Input
OUT - Output
I/O - Bi-directional Pin
# - Active Low
* - Internal 120k
Ω pull-up
4.1 Crystal I/O
SYMBOL
PIN
I/O
FUNCTION
Xin
5
IN
Crystal input with internal loading capacitors and
feedback resistors.
Xout
6
OUT
Crystal output at 14.318MHz nominally.


Similar Part No. - W83194BR-63S

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-640 WINBOND-W83194BR-640 Datasheet
1Mb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-645 WINBOND-W83194BR-645 Datasheet
308Kb / 24P
   CLOCK GENERATOR FOR SIS 645/650 CHIPSET
W83194BR-648 WINBOND-W83194BR-648 Datasheet
336Kb / 26P
   CLOCK GENERATOR FOR SIS P4 SERIES CHIPSET
More results

Similar Description - W83194BR-63S

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-730 WINBOND-W83194BR-730 Datasheet
113Kb / 14P
   166MHZ CLOCK FOR SIS CHIPSET
W83194R-81 WINBOND-W83194R-81 Datasheet
231Kb / 18P
   100MHZ CLOCK FOR SIS CHIPSET
W83194R-630A WINBOND-W83194R-630A Datasheet
159Kb / 11P
   166MHZ CLOCK FOR SIS CHIPSET
W83194R-630 WINBOND-W83194R-630_07 Datasheet
217Kb / 15P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-730 WINBOND-W83194BR-730_05 Datasheet
212Kb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-640 WINBOND-W83194BR-640 Datasheet
1Mb / 16P
   166MHZ CLOCK FOR SIS CHIPSET
W83194BR-703 WINBOND-W83194BR-703 Datasheet
741Kb / 28P
   STEPLESS CLOCK FOR SIS 741 CHIPSET
W83194R-17 WINBOND-W83194R-17 Datasheet
272Kb / 21P
   100MHZ AGP CLOCK FOR SIS CHIPSET
W83194BR-648 WINBOND-W83194BR-648 Datasheet
336Kb / 26P
   CLOCK GENERATOR FOR SIS P4 SERIES CHIPSET
W83194BR-645 WINBOND-W83194BR-645 Datasheet
308Kb / 24P
   CLOCK GENERATOR FOR SIS 645/650 CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com