Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE0017 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # XE0017
Description  Low-Profile, V.34 Compatible Telephone Line Interface
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE0017 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  XE0017 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE0017 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE0017 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE0017 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE0017 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE0017 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
XECOM
(5)
XE0017
When developing a product to be connected to the telephone line, it is necessary to use a circuit described as a Data Access
Arrangement (DAA) which is approved by the appropriate governmental agency. In the US, for example, this agency is the Federal
Communications Commission (FCC), while in Canada it is the Department of Communications (DOC). These agencies test and
approve the product to ensure that it meets their specifications, thereby protecting the telephone system from damage and
protecting the user from high voltage transients (such as lightning strikes) which may come down the telephone line.
The XE0017 has been designed to meet all FCC Part 68 requirements for hazardous voltage, surge protection and leakage current.
If the system developed transmits data, or DTMF tones on the telephone line, the user must certify that the signals transmitted meet
basic FCC requirements for maximum transmission levels, out of band energy and billing delay. Full details may be obtained from
the FCC under Part 68 of the FCC Rules and Regulations, or in Title 47 of the Code of Federal Regulations, however the basic
requirements are as follows:
1. Maximum Transmit Level
For the normal “permissive” (standard) telephone line, equipment which transmits data (such as a modem) must not exceed a
transmission level of -9 dBm.
2. Out of Band Energy
Data equipment must not transmit “out of band” energy on the telephone line which exceeds the following limits:
Frequency
Range
Max. Power
200Hz
to
3990Hz
-9 dBm
3990Hz
to
4005Hz
-27 dBm
4005Hz
to
16kHz
-16 dBm
8kHz
to
94kHz
-47 dBm
86kHz
to
270kHz
-46 dBm
270kHz
to
6MHz
-6 dBm
3. DTMF Transmission Level
If the system is capable of DTMF dialing, the maximum DTMF transmission level must be less than 0 dBm averaged over a 3
second interval.
4. Billing Delay
A delay of 2 seconds or greater is required after the time the XE0017 is taken “off hook” and before any information is transmitted.
This is required to ensure that billing information may be exchanged between telephone company central offices without
interference.
The user of the XE0017 must certify to the FCC that the final system meets the requirements of Part 68 which include the criteria
above as well as the high voltage protection provided by the XE0017. This is generally accomplished through an independent
testing lab which tesst the System and submits the proper paperwork to the FCC for approval. Since the XE0017 already comply
with FCC Part 68 rules, this is a relatively simple process.
FCC Information


Similar Part No. - XE0017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE0002B ETC-XE0002B Datasheet
161Kb / 8P
   DAA with 2/4 Wire Hybrid
XE0002D ETC1-XE0002D Datasheet
53Kb / 7P
   Modular DAA with 2/4 Wire Convertor
XE0020 ETC-XE0020 Datasheet
26Kb / 6P
   Telephone Line Interface with Active Line Monitoring
XE0020C ETC-XE0020C Datasheet
26Kb / 6P
   Telephone Line Interface with Active Line Monitoring
XE0046 ETC-XE0046 Datasheet
22Kb / 6P
   High-Performance Quad DAA Module
More results

Similar Description - XE0017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE0052S1 ETC2-XE0052S1 Datasheet
31Kb / 7P
   Slim V.34 Telephone Line Interface with 2/4 Wire Hybrid
XE0052S ETC1-XE0052S Datasheet
32Kb / 7P
   Slim V.34 Telephone Line Interface with 2/4 Wire Hybrid
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
logo
NXP Semiconductors
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
   Cordless telephone line interface
1999 Jun 04
logo
List of Unclassifed Man...
XE0020 ETC-XE0020 Datasheet
26Kb / 6P
   Telephone Line Interface with Active Line Monitoring
logo
NXP Semiconductors
UBA1707 PHILIPS-UBA1707 Datasheet
245Kb / 36P
   Cordless telephone, answering machine line interface
1999 Feb 17
logo
Motorola, Inc
MC33215 MOTOROLA-MC33215 Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2504 AMSCO-AS2504 Datasheet
202Kb / 12P
   Cordless telephone, answering machine line interface
AS2522B AMSCO-AS2522B Datasheet
365Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B_03 Datasheet
1Mb / 20P
   Telephone Line Interface and Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com