Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5410 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5410
Description  12-BIT, 80 MSPS CommsADCTM ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5410 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5410 Datasheet HTML 1Page - Texas Instruments ADS5410 Datasheet HTML 2Page - Texas Instruments ADS5410 Datasheet HTML 3Page - Texas Instruments ADS5410 Datasheet HTML 4Page - Texas Instruments ADS5410 Datasheet HTML 5Page - Texas Instruments ADS5410 Datasheet HTML 6Page - Texas Instruments ADS5410 Datasheet HTML 7Page - Texas Instruments ADS5410 Datasheet HTML 8Page - Texas Instruments ADS5410 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ADS5410
SLAS346 – JUNE 2002
12-BIT, 80 MSPS CommsADC
ANALOG-TO-DIGITAL CONVERTER
FEATURES
D 80-MSPS Maximum Sample Rate
D 12-Bit Resolution
D No Missing Codes
D 360-mW Power Dissipation
D CMOS Technology
D On-Chip S/H
D 75 dB Spurious Free Dynamic Range at
100 MHz IF
D 1-GHz Bandwidth Differential Analog Input
D On-Chip References
D 2s Complement Digital Output
D 3.3-V Analog, 1.8-V Digital Supply
D 1.8 V–3.3 V I/O
APPLICATIONS
D Cellular Base Transceiver Station Receive
Channel
– IF Sampling Applications
– TDMA: GSM, IS-136, EDGE/UWC-136
– CDMA: IS-95, UMTS, CDMA2000
– Wireless Local Loop
– LMDS, MMDS
– Wideband Baseband Receivers
D Medical Imaging:
– Ultrasound
– Magnetic Resonant Imaging
D Portable Instrumentation
DESCRIPTION
The ADS5410 is a high-speed, high-performance pipelined analog-to-digital converter with exceptionally low-noise
and high spurious-free dynamic range. The ADS5410 high input bandwidth makes it ideal for IF subsampling
solutions where digital I/Q demodulators are used. Its high dynamic range makes it well suited for GSM, IS-95, UMTS,
and IS-136 digital receivers. Its linearity and low DNL make it ideal for medical imaging applications. Low power
consumption makes the ADS5410 ideal for applications in compact pico- and micro-base stations and in portable
designs.
FUNCTIONAL BLOCK DIAGRAM
Digital Error Correction
7 Stages
Internal
Reference
1.80 V
1.25 V
Timing
CML
BGP
CLK
AGND
D0:11
AVDD
DVDD
A/D
Σ
D/A
A/D
VREFB
CLKC
2
3
OVDD
DGND
OGND
S/H
VREFT
2.25 V
Σ
D/A
A/D
2
VINP
VINN
Gain
Stage
Gain
Stage
Σ
D/A
A/D
2
Gain
Stage
Flash
PWD
CommsADC is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002, Texas Instruments Incorporated


Similar Part No. - ADS5410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGP TI1-ADS5411IPGP Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGPR TI1-ADS5411IPGPR Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPJY TI-ADS5411IPJY Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5433 TI-ADS5433 Datasheet
1Mb / 22P
[Old version datasheet]   14 BIT, 80 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5423 TI1-ADS5423_14 Datasheet
1Mb / 28P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5542IPAP TI1-ADS5542IPAP Datasheet
612Kb / 33P
[Old version datasheet]   14-Bit, 80 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com