Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5410IPFB Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS5410IPFB
Description  12-BIT, 80 MSPS CommsADCTM ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5410IPFB Datasheet(HTML) 2 Page - Texas Instruments

  ADS5410IPFB Datasheet HTML 1Page - Texas Instruments ADS5410IPFB Datasheet HTML 2Page - Texas Instruments ADS5410IPFB Datasheet HTML 3Page - Texas Instruments ADS5410IPFB Datasheet HTML 4Page - Texas Instruments ADS5410IPFB Datasheet HTML 5Page - Texas Instruments ADS5410IPFB Datasheet HTML 6Page - Texas Instruments ADS5410IPFB Datasheet HTML 7Page - Texas Instruments ADS5410IPFB Datasheet HTML 8Page - Texas Instruments ADS5410IPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ADS5410
SLAS346 – JUNE 2002
www.ti.com
2
AVAILABLE OPTIONS
T
PACKAGE
TA
48–TQFP
–40
°C to 85°C
ADS5410IPFB
These devices have limited built-in ESD protection. The
leads should be shorted together or the device placed in
conductive foam during storage or handling to prevent
electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
ADS 5410
AVDD
–0.3 V to 4 V
Supply voltage range
DVDD
–0.3 V to 2.3 V
Su
ly voltage range
OVDD
–0.3 V to 3.6 V
Voltage between
AGND and DGND
–0.3 to 0.3 V
Voltage between
AVDD to DVDD
–3.3 V to 3.3 V
Digital input (2)
–0.3 V to AVDD + 0.3 V
Digital data output
–0.3 V to OVDD + 0.3 V
Clamp current for digital input or output
±20 mA
Operating free-air temperature range, TA
–40
°C to 85°C
(1) Stressesbeyondthoselistedunder“absolutemaximumratings”maycausepermanentdamagetothedevice.Thesearestressratingsonly,and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) Measured with respect to AGND.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
SUPPLIES AND REFERENCES
Operating free-air temperature, TA
–40
85
°C
Analog supply voltage, V(AVDD)
3
3.3
3.6
V
Digital supply voltage, V(DVDD)
1.6
1.8
2
V
ANALOG INPUTS
Output driver supply voltage, V(OVDD)
1.6
3.6
V
Input common-mode voltage
CML(1)
V
Differential input voltage range
2
Vpp
CLOCK INPUTS CLK AND CLKC
Sample rate, f(s)
5
80
MHz
Differential input mode voltage input swing
0.4
3.3
V
Differential input common mode voltage
1.65
V
Single-ended mode high-level input voltage, VIH(s)
2
V
Single-ended mode low-level input voltage, VIL(s)
0.8
V
Clock pulse width high, tw(H)
5.625
6.25
ns
Clock pulse width low, tw(L)
5.625
6.25
ns
(1) See references section in DC ELECTRICAL CHARACTERISTICS table.


Similar Part No. - ADS5410IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGP TI1-ADS5411IPGP Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGPR TI1-ADS5411IPGPR Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPJY TI-ADS5411IPJY Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5410IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5433 TI-ADS5433 Datasheet
1Mb / 22P
[Old version datasheet]   14 BIT, 80 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5423 TI1-ADS5423_14 Datasheet
1Mb / 28P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5542IPAP TI1-ADS5542IPAP Datasheet
612Kb / 33P
[Old version datasheet]   14-Bit, 80 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com