Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADW-4200B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ADW-4200B
Description  ADSL Wireless VPN / Firewall Router
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADW-4200B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ADW-4200B Datasheet HTML 1Page - List of Unclassifed Manufacturers ADW-4200B Datasheet HTML 2Page - List of Unclassifed Manufacturers ADW-4200B Datasheet HTML 3Page - List of Unclassifed Manufacturers ADW-4200B Datasheet HTML 4Page - List of Unclassifed Manufacturers ADW-4200B Datasheet HTML 5Page - List of Unclassifed Manufacturers ADW-4200B Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Networking& Communication
Confidential
Filename: PS-ADW4200-v1.0
Page 5 of 6
Printed on 2003/10/29
Product Specification of ADW-4200
LED, button definition
LED definition:
LED
Meaning
PWR
Lit when power ON
SYS
Lit when system is ready
LAN port
1 ~ 4
Lit when connected to Ethernet device
Green for 100Mbps; Orange for 10Mbps
Blinking when data transmit/received
WLAN
Lit green when the wireless connection is established.
Flashes when sending or receiving data.
MAIL
Lit when there is email in the email account
PPP
Lit when there is a PPPoA/PPPoE connection
ADSL
Lit when successfully connected to an ADSL DSLAM
Button definition
Reset Button
After the device is powered on, press it to reset the device
or restore to factory default settings.
The operation is as below:
0-3 seconds: reset the device
3-6 seconds: no action
6 seconds or above: restore to factory default settings
(this is used when you can not login to the router, e.g.
forgot the password)
ENVIRONMENTAL SPECIFICATION
Operating
Temperature:
0~45
°C
Relative Humidity:
10~90%(non-condensing)
Storage
Temperature:
-10~70
°C
Relative Humidity:
10~90%(non-condensing)
ELECTRICAL SPECIFICATION
Input Voltage:
12V DC, 1A maximum
Power consumption
Maximum 10W, 34 BTU
REGULATORY COMPLIANCE
FCC
Part 15 Class B,
CE
EN55022 Class B
EN55024
RELIABILITY
MTBF > 50,000Hrs @40degree C MIL-STD-781C


Similar Part No. - ADW-4200B

ManufacturerPart #DatasheetDescription
logo
Dorji Industrial Group ...
ADW1016 DORJI-ADW1016 Datasheet
198Kb / 12P
   Source Codes for DRA818U/DRA818V
logo
Analog Devices
ADW22035Z AD-ADW22035Z Datasheet
618Kb / 16P
   Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
REV. D
ADW22035Z-RL AD-ADW22035Z-RL Datasheet
618Kb / 16P
   Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
REV. D
ADW22035Z-RL7 AD-ADW22035Z-RL7 Datasheet
618Kb / 16P
   Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
REV. D
ADW22037Z AD-ADW22037Z Datasheet
618Kb / 16P
   Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
REV. D
More results

Similar Description - ADW-4200B

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702193 PHOENIX-2702193 Datasheet
46Kb / 2P
   Increased availability thanks to firewall/router and VPN redundancy
logo
Moxa Inc.
EDR-810 MOXA-EDR-810 Datasheet
879Kb / 7P
   82G multiport industrial secure router with switch/firewall/NAT/VPN
logo
Level One
WGR-2301 LVL1-WGR-2301 Datasheet
126Kb / 3P
   AC750 Dual Band Wireless Gigabit Router, VPN, Quad WAN
logo
ORing Industrial Networ...
IGR-20 ORING-IGR-20 Datasheet
311Kb / 4P
   Industrial VPN Router
logo
PHOENIX CONTACT
2700639 PHOENIX-2700639 Datasheet
100Kb / 10P
   Router - FL MGUARD SMART2 VPN
09/12/2020
2701278 PHOENIX-2701278 Datasheet
48Kb / 3P
   Router - FL MGUARD PCIE4000 VPN
logo
Weidmuller
2535930000 WEIDMULLER-2535930000 Datasheet
242Kb / 6P
   Security/NAT/VPN/U-link Router
2535940000 WEIDMULLER-2535940000 Datasheet
242Kb / 4P
   Security/NAT/VPN/U-link Router
2535970000 WEIDMULLER-2535970000 Datasheet
244Kb / 6P
   Security/NAT/VPN/U-link Router
logo
PHOENIX CONTACT
2701275 PHOENIX-2701275 Datasheet
92Kb / 9P
   Router - FL MGUARD PCI4000 VPN
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com